Electronic Components Datasheet Search
  English  ▼

X  

P3188 Datasheet(PDF) 2 Page - ETAL Group

Part # P3188
Description  MICROPROFILE SMD LINE MATCHING TRANSFORMER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P3188 Datasheet(HTML) 2 Page - ETAL Group

  P3188 Datasheet HTML 1Page - ETAL Group P3188 Datasheet HTML 2Page - ETAL Group P3188 Datasheet HTML 3Page - ETAL Group P3188 Datasheet HTML 4Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
P3188
ETALDOC 588/11
Page 2 of 4
October 2007
SPECIFICATIONS
Electrical
At T = 25°C and as circuit Fig. 2 unless otherwise stated.
Parameter
Conditions
Min
Typ
Max
Units
Insertion Loss
f = 2kHz
-
-
3.5
dB
Frequency response
200Hz - 4kHz
-
-
±0.2
dB
Return Loss
200Hz - 4kHz
18
-
-
dB
Distortion
(1)
f = 450Hz
0dBm in line,
3rd Harmonic
-
-
-50
dBm
Balance
DC - 5kHz
Method TG25
80
-
-
dB
Saturation
Excitation 50Hz
250Vrms.
Output voltage
across line
-
-
-
-
10
65
Vrms
Vpeak
Voltage
isolation
(2)
50Hz
DC
3.88
5.5
-
-
-
-
kVrms
kV
Operating range:
Functional
Storage
(5)
Humidity
Ambient temperature
-25
-40
-
-
-
-
+85
+125
95
°C
°C
%R.H.
Lumped equivalent circuit parameters as Fig. 1
DC resistance, RDC
(3)
Sum of windings
168
-
206
Ω
Leakage inductance
ΔL
2.9
-
3.5
mH
Shunt inductance Lp
(4)
10mv 200Hz
1.1
-
3.2
H
Shunt loss Rp
(4)
10mV 200Hz
3.5
-
10
k
Ω
Notes
1.
Third
harmonic
typically
exceeds
other
harmonics by 20dB.
2.
Components are 100% tested at 6.5 kVDC.
3.
Caution:
do not pass DC through windings.
Telephone line current, etc. must be diverted
using choke or semiconductor line hold circuit.
4.
At signal levels greater than 100mV, Lp will
increase and Rp will decrease slightly but the
effect is usually favourable to the return loss
characteristic.
5.
Excludes shipping materials. Components are
dry-packed and sealed as shipped. Handle in
accordance
with
IPC/JEDEC
J-STD-033
procedure
for
components
classified
as
IPC/JEDEC J-STD-020 Moisture Sensitivity
Level 5a.
Equivalent Circuit
Fig. 1
IDEAL
1:1
½ L
½ L
½ R
½ R



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com