Electronic Components Datasheet Search
  English  ▼

X  

P3302 Datasheet(PDF) 2 Page - ETAL Group

Part # P3302
Description  LOW DISTORTION LINE MATCHING TRANSFORMER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P3302 Datasheet(HTML) 2 Page - ETAL Group

  P3302 Datasheet HTML 1Page - ETAL Group P3302 Datasheet HTML 2Page - ETAL Group P3302 Datasheet HTML 3Page - ETAL Group P3302 Datasheet HTML 4Page - ETAL Group P3302 Datasheet HTML 5Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
P3302
ETALDOC 770/3
Page 2 of 5
April 2005
SPECIFICATIONS
Electrical
At T = 25ºC and as reference circuit Fig. 2 unless otherwise stated.
Parameter
Conditions
Min
Typ
Max
Units
Insertion Loss
f = 2kHz, RL = 600Ω
-
2.0
-
dB
Frequency Response
LF -3dB cutoff
HF -3dB cutoff
100Hz – 4kHz
-
-
-
10
30
-
-
-
±0.1
Hz
kHz
dB
Return Loss
200Hz – 4kHz
26
30
-
dB
Third Harmonic
Distortion
(1)
150Hz -3dBm in line
-
-
-74
dBm
Voltage Isolation
(2)
50Hz
DC
2.12
3.0
-
-
-
-
kVrms
kV
Operating Range:
Functional
Storage
0
-40
-
-
+70
+85
ºC
ºC
Lumped equivalent circuit parameters as Fig. 1
DC resistance
(3), R
DCP
RDCS
Primary
Secondary
126
130
-
-
154
160
Ω
Ω
Leakage inductance,
ΔL
3.6
-
5.4
mH
Shunt inductance, Lp
200Hz 1V
8
18
-
H
Shunt loss, Rp
200Hz 1V
16
19
-
k
Ω
Notes:
1. Third
harmonic
typically
exceeds
other
harmonics by 10dB.
2. Components are 100% tested at 3.25kVDC.
3. Caution:
do not pass DC through windings.
Telephone line current must be diverted using
semiconductor line hold circuit or choke.
4. At signal levels greater than 100mV, Lp will
increase and Rp will decrease slightly but the
effect is usually favourable to the return loss
characteristic.
Equivalent Circuit
Fig. 1
IDEAL
1:1
½ L
½ L
R
R
Patented



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com