Electronic Components Datasheet Search
  English  ▼

X  

1S20 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # 1S20
Description  VOLTAGE 20V ~ 60V 1.0AMP Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

1S20 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  1S20 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 1S20 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
S20 THRU 1S60
VOLTAGE 20V ~ 60V
1.0AMP Schottky Barrier Rectifiers
op
NOTES:
1. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
2. Thermal Resistance Junction to Ambient Vertical PC Board Mounting 0.5"(12.7mm) Lead Length.
http://www.SeCoSGmbH.com
Elektronische Bauelemente
01-Jun-2002 Rev. A
Page 1 of 2
MAXIMUM RATINGS AND
Rating 25 C ambient temperature unless otherwise specified
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
F EATURES
MECHANICAL DATA
* Low forward voltage dr
* High current capability
* High reliability
* High surge current capability
* Epitaxial construction
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Lead: Axial leads, solderable per MIL-STD-202,
method 208 guaranteed
* Polarity: Color band denotes cathode end
* Mounting position: Any
* Weight: 0.19 grams
ELECTRICAL CHARACTERISTICS
R-1
Dimensions in inches and (millimeters)
.787(20.0)
MIN.
.787(20.0)
MIN.
.126(3.2)
.106(2.7)
.025(0.65)
.021(0.55)
DIA.
.102(2.6)
.091(2.3)
DIA.
1S20
1S30
1S40
1S50
1S60
UNITS
V
/W
20
30
40
50
60
20
30
40
50
60
14
21
28
35
42
0.55
0.70
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
See Fig. 1
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage at 1.0A
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=100 C
Typical Junction Capacitance (Note1)
Operating
Storage Temperature Range TSTG
Temperature Range TJ
Typical Thermal Resistance RθJA (Note 2)
1.0
30
1.0
10
10
15
-65 ~ +125
-65 ~ +150
-65 ~ +150
V
V
A
A
V
mA
mA
pF
C
C
C
110
80
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - 1S20

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
1S20 RECTRON-1S20 Datasheet
27Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Formosa MS
1S20 FORMOSA-1S20 Datasheet
33Kb / 2P
1.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Micro Commercial Compon...
1S20 MCC-1S20 Datasheet
86Kb / 3P
1.0 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
DAESAN ELECTRONIC CORP.
1S20 DAESAN-1S20 Datasheet
350Kb / 2P
CURRENT 1.0Ampere VOLTAGE 20 to 40 Volts
logo
Galaxy Semi-Conductor H...
1S20 BILIN-1S20 Datasheet
179Kb / 2P
SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - 1S20

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
1N5817 SECOS-1N5817 Datasheet
190Kb / 2P
VOLTAGE 20V ~ 40V 1.0AMP Schottky Barrier Rectifiers
SCK120LP SECOS-SCK120LP Datasheet
241Kb / 2P
VOLTAGE 20V ~ 40V 1.0AMP Low Vf Schottky Barrier Rectifiers
SCS120V SECOS-SCS120V Datasheet
210Kb / 2P
1.0Amp 20V Schottky Barrier Rectifiers
SR120 SECOS-SR120 Datasheet
189Kb / 2P
VOLTAGE 20V ~ 100V 1.0AMP Schottky Barrier Rectifiers
SM520B SECOS-SM520B_12 Datasheet
403Kb / 2P
Voltage 20V ~ 60V 5.0 Amp Schottky Barrier Rectifiers
logo
WILLAS ELECTRONIC CORP
SCS120P WILLAS-SCS120P Datasheet
153Kb / 2P
VOLTAGE 20V ~ 100V 1.0AMP Schottky Barrier Rectifiers
SK12AF WILLAS-SK12AF Datasheet
306Kb / 2P
1.0AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V-200V
logo
First Silicon Co., Ltd
SK12 FS-SK12 Datasheet
249Kb / 3P
VOLTAGE 20V ~ 60V 1.0AMP Surface Mount Schottky Barrier Rectifiers
SK22A FS-SK22A Datasheet
189Kb / 3P
VOLTAGE 20V ~ 60V 2.0AMP Surface Mount Schottky Barrier Rectifiers
SL12 FS-SL12 Datasheet
136Kb / 3P
VOLTAGE 20V ~ 40V 1.0AMP Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com