Electronic Components Datasheet Search
  English  ▼

X  

2N2907A Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # 2N2907A
Description  PNP Silicon General Purpose Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2N2907A Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  2N2907A Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2N2907A Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH 2N2907A Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH 2N2907A Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH 2N2907A Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Elektronische Bauelemente
2N2907A
PNP Silicon
General Purpose Transistor
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) (Continued)
Characteristic
Symbol
Min
Max
Unit
ON CHARACTERISTICS
DC Current Gain
(IC = –0.1 mAdc, VCE = –10 Vdc)
(IC = –1.0 mAdc, VCE = –10 Vdc)
(IC = –10 mAdc, VCE = –10 Vdc)
(IC = –150 mAdc, VCE = –10 Vdc)(1)
(IC = –500 mAdc, VCE = –10 Vdc)(1)
hFE
75
50
100
100
50
—
—
—
300
—
—
Collector–Emitter Saturation Voltage(1)
(IC = –150 mAdc, IB = –15 mAdc)
(IC = –500 mAdc, IB = –50 mAdc)
VCE(sat)
—
—
–0.3
–1.0
Vdc
Base–Emitter Saturation Voltage(1)
(IC = –150 mAdc, IB = –15 mAdc)
(IC = –500 mAdc, IB = –50 mAdc)
VBE(sat)
—
—
–1.3
–2.0
Vdc
SMALL–SIGNAL CHARACTERISTICS
Current–Gain — Bandwidth Product(1), (2)
(IC = –50 mAdc, VCE = –20 Vdc, f = 100 MHz)
fT
200
—
MHz
Output Capacitance
(VCB = –10 Vdc, IE = 0, f = 1.0 MHz)
Cobo
—
8.0
pF
Input Capacitance
(VEB = –2.0 Vdc, IC = 0, f = 1.0 MHz)
Cibo
—
30
pF
SWITCHING CHARACTERISTICS
Turn–On Time
(V
30 Vd
I
150
Ad
ton
—
50
ns
Delay Time
(VCC = –30 Vdc, IC = –150 mAdc,
IB1 = –15 mAdc) (Figures 1 and 5)
td
—
10
ns
Rise Time
IB1 = –15 mAdc) (Figures 1 and 5)
tr
—
40
ns
Turn–Off Time
(V
60Vd
I
150
Ad
toff
—
110
ns
Storage Time
(VCC = –6.0 Vdc, IC = –150 mAdc,
IB1 = IB2 = –15 mAdc) (Figure 2)
ts
—
80
ns
Fall Time
IB1 = IB2 = –15 mAdc) (Figure 2)
tf
—
30
ns
1. Pulse Test: Pulse Width
v 300 ms, Duty Cycle v 2.0%.
2. fT is defined as the frequency at which |hfe| extrapolates to unity.
0
0
-16 V
200 ns
50
1.0 k
200
-30 V
TO OSCILLOSCOPE
RISE TIME ≤ 5.0 ns
+15 V -6.0 V
1.0 k
37
50
1N916
1.0 k
200 ns
-30 V
TO OSCILLOSCOPE
RISE TIME ≤ 5.0 ns
INPUT
Zo = 50 Ω
PRF = 150 PPS
RISE TIME ≤ 2.0 ns
P.W. < 200 ns
INPUT
Zo = 50 Ω
PRF = 150 PPS
RISE TIME ≤ 2.0 ns
P.W. < 200 ns
Figure 1. Delay and Rise Time Test Circuit
Figure 2. Storage and Fall Time Test Circuit
01-Jun-2002 Rev. A
Page 2 of 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com