Electronic Components Datasheet Search
  English  ▼

X  

P5056 Datasheet(PDF) 2 Page - ETAL Group

Part # P5056
Description  LOW DISTORTION LINE MATCHING TRANSFORMER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P5056 Datasheet(HTML) 2 Page - ETAL Group

  P5056 Datasheet HTML 1Page - ETAL Group P5056 Datasheet HTML 2Page - ETAL Group P5056 Datasheet HTML 3Page - ETAL Group P5056 Datasheet HTML 4Page - ETAL Group P5056 Datasheet HTML 5Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
P5056
ETALDOC 776/5
Page 2 of 5
June 2005
SPECIFICATIONS
Electrical
At T = 25ºC and as circuit Fig. 2 unless otherwise stated.
Parameter
Conditions
Min
Typ
Max
Units
Insertion Loss
f = 2kHz, RL = 600Ω
-
1.6
-
dB
Frequency Response
LF -3dB cutoff
HF -3dB cutoff
100Hz – 4kHz
-
-
-
10
60
-
-
-
±0.1
Hz
kHz
dB
Return Loss
(5)
200Hz – 4kHz
20
-
-
dB
Transhybrid Loss
(5)
200Hz – 4kHz
-
20
-
dB
Third Harmonic
Distortion
(1)
150Hz -3dBm in line
200Hz -10dBm in line
-
-
-68
-89
-
-
dBm
dBm
Balance
DC – 5kHz
Method TG 25
80
-
-
dB
Voltage Isolation
(2)
50Hz
DC
2.12
3.0
-
-
-
-
kVrms
kV
Operating Range:
Functional
Storage
0
-40
-
-
+70
+85
ºC
ºC
Lumped equivalent circuit parameters as Fig. 1
DC resistance
(3)
Primary resistance RDCp
Secondary resistance RDCs
92
88
-
-
114
108
Ω
Ω
Leakage inductance,
ΔL
2.5
3.5
4.5
mH
Shunt inductance, Lp
(4)
200Hz 10mV
6
9
-
H
Shunt loss, Rp
200Hz 10mV
12
15
-
k
Ω
Notes:
1.
Third
harmonic
typically
exceeds
other
harmonics by 10dB.
2.
Components are 100% tested at 3.25kVDC.
3.
Caution:
do not pass DC through windings.
Telephone line current must be diverted using
semiconductor line hold circuit or choke.
4.
At signal levels greater than 100mV, Lp will
increase and Rp will decrease slightly but the
effect is usually favourable to the return loss
characteristic.
5.
Return loss and transhybrid loss can be
improved to 30dB in improved matching circuit.
The values shown relate to the simplest
configuration, Fig. 2.
Equivalent Circuit
Fig . 1
IDEAL
1:1
½ L
½ L



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com