Electronic Components Datasheet Search
  English  ▼

X  

P7101 Datasheet(PDF) 1 Page - ETAL Group

Part # P7101
Description  MOULDED WIREWOUND CHIP INDUCTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P7101 Datasheet(HTML) 1 Page - ETAL Group

  P7101 Datasheet HTML 1Page - ETAL Group P7101 Datasheet HTML 2Page - ETAL Group P7101 Datasheet HTML 3Page - ETAL Group P7101 Datasheet HTML 4Page - ETAL Group P7101 Datasheet HTML 5Page - ETAL Group P7101 Datasheet HTML 6Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ETALDOC 846/4
Page 1 of 6
October 2007
PRODUCT DATA SHEET
MOULDED WIREWOUND
P7101 Family
CHIP INDUCTOR
Features
Applications
∗ Encapsulated
∗ Television
∗ Lead-free (Pb-free)
∗ Mobile radio and telephones
∗ Rugged
∗ In-car entertainment systems
∗ RoHS compliant
∗ Video cameras
∗ Industry Standard
∗ Filters
∗ Wide range (0.01 – 10,000µH)
∗ Hybrid ICs
∗ E12 inductance values
∗ Surface Mount
∗ Flat top for pick & place
DESCRIPTION
The P7101 family comprises rugged moulded
inductors covering six decades of E12 standard
values.
The coils are encapsulated in heat-proof thermoset
resin providing resistance to shock, pressure, heat,
humidity and solvents to MIL-STD-202F.
As such, these devices have wide application in
consumer and industrial electronics.
Components are available in three mechanical
sizes similar to EIA 1210, 1812 and 2220
covering 10nH to 10mH.
The P7101 family of components is compliant
with RoHS Directive 2002/95/EC, and suitable for
lead-free and conventional placement and reflow.
P7101-5650
P7101-4532
P7101-3225


Similar Part No. - P7101

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
P710 AXIOMTEK-P710 Datasheet
426Kb / 3P
10.4" XGA TFT LCD Railway Touchscreen Monitor (-25°C to 55°C)
Jun. 24, 2025.
P710-RS1-M AXIOMTEK-P710-RS1-M Datasheet
426Kb / 3P
10.4" XGA TFT LCD Railway Touchscreen Monitor (-25°C to 55°C)
Jun. 24, 2025.
logo
Tripp Lite. All Rights ...
P710006 TRIPPLITE-P710006 Datasheet
473Kb / 2P
IEEE 1284 AA Straight Through Cable (DB25 M-M),6-ft
More results

Similar Description - P7101

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
WSM WELWYN-WSM Datasheet
75Kb / 2P
Moulded Surface Mount Wirewound Resistors
logo
Bourns Electronic Solut...
CC453232 BOURNS-CC453232 Datasheet
240Kb / 2P
Wirewound Chip Inductor
CM201212_MDS BOURNS-CM201212_MDS Datasheet
101Kb / 2P
CM201212 Series Wirewound Chip Inductor
CM252016_MDS BOURNS-CM252016_MDS Datasheet
71Kb / 1P
CM252016 Series Wirewound Chip Inductor
CM322522_MDS BOURNS-CM322522_MDS Datasheet
101Kb / 2P
CM322522 Series Wirewound Chip Inductor
CM453232_MDS BOURNS-CM453232_MDS Datasheet
79Kb / 1P
CM453232 Series Wirewound Chip Inductor
CMH322522 BOURNS-CMH322522 Datasheet
192Kb / 2P
Shielded Wirewound Chip Inductor
CW160808_MDS BOURNS-CW160808_MDS Datasheet
57Kb / 1P
Wirewound Chip Inductor
CW252016_MDS BOURNS-CW252016_MDS Datasheet
149Kb / 1P
Wirewound Chip Inductor
logo
Stackpole Electronics, ...
LWW SEI-LWW Datasheet
414Kb / 12P
Wirewound Ceramic Chip Inductor
1/3/2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com