Electronic Components Datasheet Search
  English  ▼

X  

SWS17101 Datasheet(PDF) 4 Page - JDS Uniphase Corporation

Part # SWS17101
Description  Swept Wavelength System
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

SWS17101 Datasheet(HTML) 4 Page - JDS Uniphase Corporation

  SWS17101 Datasheet HTML 1Page - JDS Uniphase Corporation SWS17101 Datasheet HTML 2Page - JDS Uniphase Corporation SWS17101 Datasheet HTML 3Page - JDS Uniphase Corporation SWS17101 Datasheet HTML 4Page - JDS Uniphase Corporation SWS17101 Datasheet HTML 5Page - JDS Uniphase Corporation SWS17101 Datasheet HTML 6Page - JDS Uniphase Corporation SWS17101 Datasheet HTML 7Page - JDS Uniphase Corporation SWS17101 Datasheet HTML 8Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Parameter
Single Output Source Optics Module
Wavelength range
C+L-band 1520 to 1630 nm
Absolute wavelength accuracy
± 2 pm
Measurement resolution1
1 pm
Wavelength sampling resolution
3 pm
Insertion loss (IL) measurement accuracy2,3
± 0.05 dB (0 to 25 dB device IL)
including polarization state averaged IL
± 0.10 dB (25 to 45 dB device IL), ± 0.20 dB (45 to 65 dB device IL)
Dynamic range3
> 70 dB
Loss measurement repeatability2
± 0.02 dB
Loss measurement resolution
0.01 dB
Return loss (RL) measurement range3,4
60 dB
Polarization dependent loss (PDL) measurement accuracy2
± 0.05 dB (0 to 20 dB device IL)
using standard detector module SWS15107
± 0.10 dB (20 to 40 dB device IL)
PDL measurement accuracy2
± 0.01 dB (0 to 20 dB device IL)
using tuned PDL detector module SWS15107-A
± 0.03 dB (20 to 40 dB device IL)
with 13-point smoothing and 4 averages1
PDL measurement repeatability1
± 0.01 dB
PDL measurement resolution1
0.01 dB
Maximum slope resolution
10 dB/pm (0 to 35 dB device IL)
Measurement time
9 seconds + 0.5 seconds per channel
Maximum scan speed5,7
40 nm/s
Fiber type (to device-under-test)
SMF-28
Maximum outputs from device under test (DUT) measured
128
Measurement stations per transmitter
Up to 8, in 1, 2, 4, or 8 steps
Detector adapters6
FC, SC, ST, LC, bare fiber
Input voltage
110 to 230 V AC , 50 to 60 Hz
Receiver control
Custom interface for Win95/98/2000/XP
Receiver communication with computer
National InstrumentsTM PCI interface card
Operating temperature
15 to 35 °C
Storage temperature
0 to 70 °C
Operating humidity
80 % RH maximum, non-condensing
Dimensions (W x H x D)
Source optics module(SOM) (SWS20010-B-2)
48.3 x 13.3 x 37.5 cm
Tunable laser source (SWS17101)
48.3 x 13.3 x 43.2 cm
Receiver chassis (OWB10002)
48.3 x 13.3 x 46.0 cm
Control and detector modules
Plugged into chassis
1. Wavelength resolution defined as the minimum calculated center wavelength shift.
2. Does not include influence of connector.
3. Device IL range/dynamic range both reduced for multiple output SOM.
4. RL module SWS20005 required.
5. 10 and 20 nm/s also selectable.
6. High PDL accuracy Detector Module SWS15107-A using FC/APC only.
7. All other specifications are maintained when using a scan speed of 20 nm/s.
SWEPT WAVELENGTH SYSTEM (SWS2000)
SWS2000 Specifications
4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com