Electronic Components Datasheet Search
  English  ▼

X  

P7604 Datasheet(PDF) 7 Page - ETAL Group

Part # P7604
Description  SHIELDED POWER INDUCTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P7604 Datasheet(HTML) 7 Page - ETAL Group

  P7604 Datasheet HTML 1Page - ETAL Group P7604 Datasheet HTML 2Page - ETAL Group P7604 Datasheet HTML 3Page - ETAL Group P7604 Datasheet HTML 4Page - ETAL Group P7604 Datasheet HTML 5Page - ETAL Group P7604 Datasheet HTML 6Page - ETAL Group P7604 Datasheet HTML 7Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
P7604
ETALDOC 833/3
Page 7 of 7
December 2006
5022 size
Part Number
Inductance
(µH)
(1)
DCR (Ω) Max
SRF (MHz)
(2)
Rated Current
IRMS (A)
(3)
Isat (A)
(4)
P7604-5022-100M
10±20%
0.030
20
4.00
8.0
P7604-5022-150M
15±20%
0.035
17
3.60
7.0
P7604-5022-220M
22±20%
0.045
15
3.15
6.0
P7604-5022-330M
33±20%
0.060
10
2.80
5.0
P7604-5022-470M
47±20%
0.080
8.5
2.45
4.0
P7604-5022-680M
68±20%
0.12
6.5
2.00
3.0
P7604-5022-101M
100±20%
0.18
5.5
1.70
2.4
P7604-5022-151M
150±20%
0.22
5.0
1.35
2.1
P7604-5022-221M
220±20%
0.32
4.0
1.15
1.9
P7604-5022-331M
330±20%
0.50
3.0
0.90
1.1
P7604-5022-471M
470±20%
0.75
2.5
0.75
1.1
P7604-5022-681M
680±20%
1.1
2.3
0.65
0.96
P7604-5022-102M
1000±20%
1.5
1.9
0.55
0.80
Notes
1. Inductance measured at 100kHz, 100mV.
2. SRF (Self resonant Frequency) is typical and for reference only.
3. Rated current is the current at which the temperature rise is 40ºC typical.
4. Saturation Current, Isat, is the DC current at which the zero current inductance drops by 10% (typ).
5. Operating temperature -25ºC to +85ºC.
6. For non-standard inductance values, please contact Profec.
ORDERING CODE
ABSOLUTE MAXIMUM RATINGS
Storage temperature
-40ºC to
+105ºC
Operating temperature
-25ºC to
+85ºC
Soldering temperature profile peak 260ºC 10s
P7604-
-
T
Tape and Reel
Tolerance:
K = ±10%
L = ±15%
M = ±20%
See tabulated values for correct
tolerance
Inductance code
Size :
(1608, 2012, 3308, 3316 or 5022)
Type code
Handle
in
accordance
with
IPC/JEDEC
J-STD-033
procedure
for
components
classified as IPC/JEDEC J-STD-020 Moisture
Sensitivity Level 2.
ETAL Group Oy, Kuormatie 14, FIN-03101, Nummela
Telephone: +358 (0)20 7500 330
Fax: +358 (0)20 7500 333
Website: www.etalgroup.com
Email: etalgroup@egruppen.com
FM 25326
ISO 9001



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com