Electronic Components Datasheet Search
  English  ▼

X  

RFC2K Datasheet(PDF) 1 Page - Chongqing Pingwei Enterprise co.,Ltd

Part # RFC2K
Description  HIGH VOLTAGE FAST RECOVERY RECTIFIER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHONGQING [Chongqing Pingwei Enterprise co.,Ltd]
Direct Link  http://www.perfectway.cn
Logo CHONGQING - Chongqing Pingwei Enterprise co.,Ltd

RFC2K Datasheet(HTML) 1 Page - Chongqing Pingwei Enterprise co.,Ltd

  RFC2K Datasheet HTML 1Page - Chongqing Pingwei Enterprise co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CHONG PINGYANG ELECTRONICS CO.,LTD.
1
RFC2K THRU RFC4K
HIGH VOLTAGE FAST RECOVERY RECTIFIER
VOLTAGE:2000-3000V
CURRENT:0.2A
FEATURES
·fast switching
·Low leakage
·high current capability
·high surge capability
·High reliability
MECHANICAL DATA
·Case: Molded plastic
·Epoxy: UL94V-0 rate flame retardant
·Lead: MIL-STD- 202E, Method 208 guaranteed
·Polarity:Color band denotes cathode end
·Mounting position: Any
·Weight: 0.35 grams
MAXIMUM RATINGS AND ELECTRONICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz,resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL
RFC2K
RFC3K
RFC4K
units
Maximum Recurrent Peak Reverse Voltage
VRRM
2000
3000
4000
V
Maximum RMS Voltage
VRMS
1400
2100
2800
V
Maximum DC Blocking Voltage
VDC
2000
3000
4000
V
Maximum Average Forward rectified Current
at TA=50°C
Io
0.2
A
Peak Forward Surge Current 8.3ms single
half sine-wave superimposed on rate load
(JEDEC method)
IFSM
30
A
Maximum Forward Voltage Drop per element
at 0.2A DC
VF
4.0
5.0
6.5
V
@ TA=25°C
5.0
Maximum DC Reverse Current
at Rated DC Blocking Voltage
@ TA=100°C
100
Maximum Full Load Reverse Current Average,
Full
Cycle
.375
”(9.5mm) lead length at
TL=75°C
IR
30
µA
Typical Junction Capacitance (Note)
CJ
30
pF
Maximum Reverse Recovery Time (Note)
trr
500
nS
Notes:
Measured at 1MHz and applied reverse voltage of 4.0 volts
DO-41
1.0(25.4)
MIN.
.034(0.9)
.028(0.7) DIA.
.205(5.2)
.166(4.2)
1.0(25.4)
MIN.
.107(2.7)
.080(2.0) DIA.
Dimensions in inches and (millimeters)
PDF 文件使用 "pdfFactory Pro" 试用版本创建 www.fineprint.cn


Similar Part No. - RFC2K

ManufacturerPart #DatasheetDescription
logo
Chongqing Pingwei Enter...
RFC2K CHONGQING-RFC2K Datasheet
176Kb / 1P
0.2AMPS. HIGH VOLTAGE FAST RECOVERY RECTIFIERS
logo
GETAI ELECTRONICS DEVIC...
RFC2K GETEDZ-RFC2K Datasheet
549Kb / 2P
0.2A 2kV~4kV 500nS--High voltage fast recovery rectifier diode
RFC2K GETEDZ-RFC2K Datasheet
549Kb / 2P
0.2A 2kV~4kV 500nS--High voltage fast recovery rectifier diode
RFC2K GETEDZ-RFC2K Datasheet
549Kb / 2P
0.2A 2kV~4kV 500nS--High voltage fast recovery rectifier diode
logo
Shanghai Shunye Electro...
RFC2K SHUNYE-RFC2K Datasheet
239Kb / 1P
HIGH VOLTAGE RECTIFIER Reverse Voltage - 2000 to 4000 Volts Forward Current - 0.2 Ampere
More results

Similar Description - RFC2K

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
R1200F GOOD-ARK-R1200F Datasheet
39Kb / 2P
HIGH VOLTAGE FAST RECOVERY RECTIFIER
logo
Solid States Devices, I...
SHM15F SSDI-SHM15F_1 Datasheet
86Kb / 2P
FAST RECOVERY HIGH VOLTAGE RECTIFIER
logo
Frontier Electronics.
FR02-25 FRONTIER-FR02-25 Datasheet
129Kb / 2P
FAST RECOVERY HIGH VOLTAGE RECTIFIER
FV5M-04 FRONTIER-FV5M-04 Datasheet
116Kb / 1P
HIGH VOLTAGE FAST RECOVERY RECTIFIER
FV5M-04-LFR FRONTIER-FV5M-04-LFR Datasheet
122Kb / 2P
HIGH VOLTAGE FAST RECOVERY RECTIFIER
logo
Shenzhen Luguang Electr...
R1200F LUGUANG-R1200F Datasheet
246Kb / 2P
HIGH VOLTAGE FAST RECOVERY RECTIFIER
logo
Solid States Devices, I...
RC0100 SSDI-RC0100_15 Datasheet
30Kb / 1P
FAST RECOVERY HIGH VOLTAGE RECTIFIER
logo
Frontier Electronics.
FR05-10 FRONTIER-FR05-10_16 Datasheet
1Mb / 2P
FAST RECOVERY HIGH VOLTAGE RECTIFIER
GP05-10 FRONTIER-GP05-10_16 Datasheet
1Mb / 2P
FAST RECOVERY HIGH VOLTAGE RECTIFIER
logo
Rectron Semiconductor
HFM1600 RECTRON-HFM1600 Datasheet
102Kb / 5P
HIGH VOLTAGE FAST RECOVERY RECTIFIER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com