Electronic Components Datasheet Search
  English  ▼

X  

SN74BCT760DWR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN74BCT760DWR
Description  OCTAL BUFFERS/DRIVERS WITH OPEN-COLLECTOR OUTPUTS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74BCT760DWR Datasheet(HTML) 3 Page - Texas Instruments

  SN74BCT760DWR Datasheet HTML 1Page - Texas Instruments SN74BCT760DWR Datasheet HTML 2Page - Texas Instruments SN74BCT760DWR Datasheet HTML 3Page - Texas Instruments SN74BCT760DWR Datasheet HTML 4Page - Texas Instruments SN74BCT760DWR Datasheet HTML 5Page - Texas Instruments SN74BCT760DWR Datasheet HTML 6Page - Texas Instruments SN74BCT760DWR Datasheet HTML 7Page - Texas Instruments SN74BCT760DWR Datasheet HTML 8Page - Texas Instruments SN74BCT760DWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
SN54BCT760, SN74BCT760
OCTAL BUFFERS/DRIVERS
WITH OPEN-COLLECTOR OUTPUTS
SCBS034B – JULY 1989 – REVISED NOVEMBER 1993
2–3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
recommended operating conditions
SN54BCT760
SN74BCT760
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
4.5
5
5.5
V
VIH
High-level input voltage
2
2
V
VIL
Low-level input voltage
0.8
0.8
V
VOH
High-level output voltage
5.5
5.5
V
IIK
Input clamp current
–18
–18
mA
IOL
Low-level output current
48
64
mA
TA
Operating free-air temperature
–55
125
0
70
°C
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
SN54BCT760
SN74BCT760
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
TYP†
MAX
UNIT
VIK
VCC = 4.5 V,
II = –18 mA
–1.2
–1.2
V
VOL
VCC =4 5V
IOL = 48 mA
0.38
0.55
V
VOL
VCC = 4.5 V
IOL = 64 mA
0.42
0.55
V
II
VCC = 5.5 V,
VI = 7 V
0.1
0.1
mA
IIH
VCC = 5.5 V,
VI = 2.7 V
20
20
µA
IIL
VCC = 5.5 V,
VI = 0.5 V
–1
–1
mA
IOH
VCC = 4.5 V,
VOH = 5.5 V
0.1
0.1
mA
Outputs high
21
33
21
33
ICC
VCC = 5.5 V,
Outputs open
Outputs low
48
76
48
76
mA
OE disabled
6
10
6
10
Ci
VCC = 5 V,
VI = 2.5 V or 0.5 V
6
6
pF
Co
VCC = 5 V,
VI = 2.5 V or 0.5 V
10
10
pF
† All typical values are at VCC = 5 V, TA = 25°C.
switching characteristics (see Note 2)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
CL = 50 pF,
RL = 500 Ω,
TA = 25°C
VCC = 4.5 V to 5.5 V,
CL = 50 pF,
RL = 500 Ω,
TA = MIN to MAX‡
UNIT
(INPUT)
(OUTPUT)
′BCT760
SN54BCT760
SN74BCT760
MIN
TYP
MAX
MIN
MAX
MIN
MAX
tPLH
Any A
Y
6.3
8
9.5
6.3
11.1
6.3
10
ns
tPHL
Any A
Y
2.1
4.3
6.5
2.1
7.7
2.1
7.2
ns
tPLH
OE
Y
8.6
13
15.2
8.6
18.7
8.6
17.5
ns
tPHL
OE
Y
3.2
6.2
8.9
3.2
10.4
3.2
9.9
ns
‡ For conditions shown as MIN or MAX, use the appropriate values specified under recommended operating conditions.
NOTE 2: Load circuits and voltage waveforms are shown in Section 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com