Electronic Components Datasheet Search
  English  ▼

X  

PPC-6E Datasheet(PDF) 1 Page - JDS Uniphase Corporation

Part # PPC-6E
Description  6 V Photovoltaic Power Converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

PPC-6E Datasheet(HTML) 1 Page - JDS Uniphase Corporation

  PPC-6E Datasheet HTML 1Page - JDS Uniphase Corporation PPC-6E Datasheet HTML 2Page - JDS Uniphase Corporation PPC-6E Datasheet HTML 3Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PHOTONIC POWER
Key Features
• Up to 100 mA at 5 V
• Up to 500 mW electrical power
• Up to 6 volts output
• Optimized for 810 nm source
• Complete electrical isolation
The PPC-6E is a photovoltaic power converter optimized for maximum efficiency
in the range of 790 – 850 nm illumination. Source optical energy is delivered via
multimode fiber, compatible with installed short haul communication systems.
Reliable and low cost laser diodes are readily available as sources.
Total electrical isolation, and compatibility of operation in high electrical field or
noisy electrical environments are key capabilities of the PPC-6E. Remote power
for sensors, transducers and data communications equipment are typical applications.
Designed to convert 790 – 850 nm light into electrical power up to 6 Volts, with
output power from a few mW to 0.5 W, the PPC-6E is available with ST or FC
connectors. Pigtail packages including ceramic (CMPT) pigtail are available.
Applications
• Optically powered current transducer
for electrical power transmission
• Remote optically powered sensors
and transducers
• Compatible with 62.5 µm short-haul
“legacy” fiber
• Low cost and efficient 808 or 830 nm
laser diode source
• Remote antenna lightning isolation
6 V Photovoltaic Power Converter
PPC-6E
NORTH AMERICA
: 800 498-JDSU (5378)
WEBSITE
: www.jdsu.com
WORLDWIDE
: +800 5378-JDSU


Similar Part No. - PPC-6E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PPC-6120-EXPE ADVANTECH-PPC-6120-EXPE Datasheet
455Kb / 2P
12" Panel PC Supporting 4th Generation Intel짰 Core??i / Celeron짰 Processors
PPC-6120-RAE ADVANTECH-PPC-6120-RAE Datasheet
455Kb / 2P
12" Panel PC Supporting 4th Generation Intel짰 Core??i / Celeron짰 Processors
PPC-6121 ADVANTECH-PPC-6121 Datasheet
554Kb / 2P
12.1 Panel PC with 8/9th Generation Intel® Core™ i/Celeron® Processor
14-Apr-2021
PPC-6121-R8IA ADVANTECH-PPC-6121-R8IA Datasheet
554Kb / 2P
12.1 Panel PC with 8/9th Generation Intel® Core™ i/Celeron® Processor
14-Apr-2021
PPC-6121-R8IAO ADVANTECH-PPC-6121-R8IAO Datasheet
554Kb / 2P
12.1 Panel PC with 8/9th Generation Intel® Core™ i/Celeron® Processor
14-Apr-2021
More results

Similar Description - PPC-6E

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVT212 IRF-PVT212 Datasheet
94Kb / 5P
Power MOSFET Photovoltaic Relay
PVN013 IRF-PVN013 Datasheet
121Kb / 5P
HEXFET POWER MOSFET PHOTOVOLTAIC RELAY
logo
JDS Uniphase Corporatio...
PPC-2E JDSU-PPC-2E Datasheet
229Kb / 3P
2 V Photovoltaic Power Converter
PPC-4E JDSU-PPC-4E Datasheet
207Kb / 3P
4 V Photovoltaic Power Converter
PPC-9LW JDSU-PPC-9LW Datasheet
216Kb / 3P
4 V Photovoltaic Power Converter
PPC-12E JDSU-PPC-12E Datasheet
210Kb / 3P
12 V Photovoltaic Power Converter
logo
International Rectifier
PVN012APBF IRF-PVN012APBF_07 Datasheet
298Kb / 5P
HEXFET짰 Power MOSFET Photovoltaic Relay
PVN013PBF IRF-PVN013PBF Datasheet
1Mb / 5P
HEXFET짰 Power MOSFET Photovoltaic Relay HEXFET짰 Power MOSFET Photovoltaic Relay
PVAZ172NS IRF-PVAZ172NS Datasheet
602Kb / 5P
HEXFET Power MOSFET Photovoltaic Relay
logo
Texas Instruments
TPS54618C-Q1 TI-TPS54618C-Q1 Datasheet
2Mb / 42P
TPS54618C-Q1 Automotive 2.95-V to 6-V, 6-A, Synchronous Buck Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com