Electronic Components Datasheet Search
  English  ▼

X  

MAX1981A Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1981A
Description  Quick-PWM Master Controllers for Voltage-Positioned CPU Core Power Supplies (IMVP-IV)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1981A Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1981A Datasheet HTML 1Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
General Description
The MAX1907A/MAX1981A are single-phase, Quick-
PWM™ master controllers for IMVP-IV™ CPU core sup-
plies. Multi-phase operation is achieved using a
Quick-PWM slave controller (MAX1980). Multiphase
operation reduces input ripple current requirements
and output voltage ripple while easing component
selection and layout difficulties. The MAX1907A/
MAX1981A include active voltage positioning with
adjustable gain and offset, reducing power dissipation
and bulk output capacitance requirements.
The MAX1907A/MAX1981A are intended for two differ-
ent notebook CPU core applications: either bucking
down the battery directly, or 5V system supply to create
the core voltage. The single-stage conversion method
allows these devices to directly step down high-voltage
batteries for the highest possible efficiency.
Alternatively, two-stage conversion (stepping down the
5V system supply instead of the battery) at higher
switching frequency provides the minimum possible
physical size.
The MAX1907A/MAX1981A meet the IMVP-IV specifica-
tions and include logic to interface with the CPU power
good signals from the VCCP and VCCMCH rails within the
system. The regulator features power-up sequencing,
automatically ramping up to the Intel-specified boot volt-
age. The MAX1907A/MAX1981A feature independent
four-level logic inputs for setting the boot voltage
(B0–B2) and the suspend voltage (S0–S2).
The MAX1907A/MAX1981A include output undervoltage
protection, thermal protection, and system power-OK
(SYSPOK) input/output. When any of these protection fea-
tures detect a fault, the MAX1907A/MAX1981A immedi-
ately shut down. Additionally, the MAX1907A includes
overvoltage protection.
The MAX1907A/MAX1981A are available in a thin 40-pin
QFN package.
Applications
IMVP-IV™ Notebook Computers
Single-Phase CPU Core Supply
Multiphase CPU Core Supply
Voltage-Positioned Step-Down Converters
Servers/Desktop Computers
Features
o Quick-PWM Master Controllers
o Multiphase Conversion with Slave Controller
(MAX1980)
o Active Voltage Positioning with Adjustable Gain
and Offset
o Adjustable Slew Rate Control
o ±0.75% VOUT Accuracy Over Line, Load, and
Temperature
o 6-Bit On-Board DAC (16mV Increments)
o 0.700V to 1.708V Output Adjust Range
o Selectable 200kHz/300kHz/550kHz/1000kHz
Switching Frequency
o 2V to 28V Battery Input Voltage Range
o Drive Large Synchronous Rectifier MOSFETs
o Output Overvoltage Protection (MAX1907A Only)
o Undervoltage and Thermal Fault Protection
o Power Sequencing and Selectable Boot Voltage
o Low-Profile 40-Pin Thin QFN, 6mm ✕ 6mm
Package
Quick-PWM Master Controllers for Voltage-
Positioned CPU Core Power Supplies (IMVP-IV)
________________________________________________________________ Maxim Integrated Products
1
Ordering Information
40-Pin, 6mm x 6mm Thin QFN
40
39
38
37
36
1
2
3
4
5
11
12
13
14
15
26
27
28
29
30
TOP VIEW
MAX1907A
MAX1981A
VDD
B0
B1
B2
S0
S1
6
S2
7
SHDN
8
REF
9
ILIM
10
VCC
DL
DDO
D0
25
D1
24
D2
23
D3
22
D4
21
D5
PGND
16
17
18
19
20
35
34
33
32
31
Pin Configuration
19-2678; Rev 0; 9/02
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
Quick-PWM is a trademark of Maxim Integrated Products, Inc.
IMVP-IV is a trademark of Intel Corp.
PART
TEMP RANGE
PIN-PACKAGE
MAX1907AETL -40
°C to +100°C 40-QFN Thin 6mm x 6mm
MAX1981AETL -40
°C to +100°C 40-QFN Thin 6mm x 6mm
Typical Operating Circuit appears at end of data sheet.


Similar Part No. - MAX1981A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX198 MAXIM-MAX198 Datasheet
165Kb / 16P
Multirange, Single %V, 12-Bit DAS with 12-Bit Bus Interface
Rev 0; 9/95
MAX198 MAXIM-MAX198 Datasheet
205Kb / 8P
Jumper-Selectable Configuration
Rev 0; 2/96
MAX1980 MAXIM-MAX1980 Datasheet
1Mb / 33P
Quick-PWM Slave Controller with Driver Disable for Multiphase DC-DC Converter
19-2298; Rev 2; 9/02
MAX1980ETP MAXIM-MAX1980ETP Datasheet
1Mb / 33P
Quick-PWM Slave Controller with Driver Disable for Multiphase DC-DC Converter
19-2298; Rev 2; 9/02
MAX1982 MAXIM-MAX1982 Datasheet
383Kb / 12P
Low-Voltage, Low-Dropout Linear Regulators with External Bias Supply
19-2560; Rev 0; 7/02
More results

Similar Description - MAX1981A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1544 MAXIM-MAX1544 Datasheet
904Kb / 42P
Dual-Phase, Quick-PWM Controller for AMD Hammer CPU Core Power Supplies
19-2745; Rev 1; 9/03
MAX1519 MAXIM-MAX1519 Datasheet
826Kb / 43P
Dual-Phase, Quick-PWM Controllers for Programmable CPU Core Power Supplies
Rev 1; 9/03
MAX17410 MAXIM-MAX17410 Datasheet
979Kb / 45P
Dual-Phase, Quick-PWM Controller for IMVP6 CPU Core Power Supplies
Rev 0; 1/09
MAX17582 MAXIM-MAX17582 Datasheet
755Kb / 42P
Dual-Phase, Quick-PWM Controller for IMVP-6.5 CPU Core Power Supplies
Rev 0; 7/09
MAX17021 MAXIM-MAX17021 Datasheet
884Kb / 48P
Dual-Phase, Quick-PWM Controllers for IMVP-6/IMVP-6.5 CPU Core Power Supplies
Rev 2; 7/09
logo
Intersil Corporation
ISL6218 INTERSIL-ISL6218 Datasheet
410Kb / 19P
Precision Single-Phase Buck PWM Controller for Intel Mobile Voltage Positioning IMVP-IV and IMVP-IV
August 6, 2007
ISL6217A INTERSIL-ISL6217A Datasheet
443Kb / 20P
Precision Multi-Phase Buck PWM Controller for Intel, Mobile Voltage Positioning IMVP-IV??and IMVP-IV?
June 30, 2005
ISL6218CVZ-T INTERSIL-ISL6218CVZ-T Datasheet
410Kb / 19P
Precision Single-Phase Buck PWM Controller for Intel Mobile Voltage Positioning IMVP-IV and IMVP-IV
ISL6218CV INTERSIL-ISL6218CV Datasheet
407Kb / 19P
Precision Single-Phase Buck PWM Controller for Intel Mobile Voltage Positioning IMVP-IV and IMVP-IV
August 6, 2007
logo
Maxim Integrated Produc...
MAX8770 MAXIM-MAX8770 Datasheet
1,023Kb / 47P
MAX8770/MAX8771/MAX8772 Dual-Phase, Quick- PWM Controller for IMVP-6 CPU Core Power Supplies
19-3913; Rev 0; 10/05
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com