Electronic Components Datasheet Search
  English  ▼

X  

SFB2 Datasheet(PDF) 1 Page - Spectrum Microwave, Inc.

Part # SFB2
Description  Switched Filter B anks
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRUM [Spectrum Microwave, Inc.]
Direct Link  http://www.spectrummicrowave.com
Logo SPECTRUM - Spectrum Microwave, Inc.

SFB2 Datasheet(HTML) 1 Page - Spectrum Microwave, Inc.

  SFB2 Datasheet HTML 1Page - Spectrum Microwave, Inc. SFB2 Datasheet HTML 2Page - Spectrum Microwave, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Spectrum Microwave, Inc.
38166 Old Stage Road; Delmar, Delaware 19940
www.SpectrumMicrowave.com
Phone (888) 553-7531
Fax (888) 553-7532
sales@SpectrumMicrowave.com
Switched Filter Banks
RF/ IF Pre-selectors to 18 GHz
(Passbands 1 - 2000 MHz; Stopband to 18 GHz)
Description
Spectrum Microwave’s 310-020226-001 lter-banks
provide two selectable RF lter channels over a wide
range of frequencies with ultimate rejections
requirements out to 18 GHz.
Two individual channels can be customized over a
wide range of frequencies, typically 1 MHz to 2000
MHz. Channels 1 and 2 are miniature Lumped
Element Bandpass Filters. This relatively small lter
bank provides excellent Passband performance
while suppressing ultimate rejections by >50 dB out
to 18 GHz.
The lter bank is powered by +5V DC applied to an
external bias pin mounted on the side of the unit. A
grounding terminal is also provided. One control pin
provides TTL selection of the desired operating
channel. The unit is bi-directional with SMA eld
removable connectors.
Dimensions and Connections
3.50” L x 1.10” W x 0.45” H excluding SMA
connectors and control pins.
The chassis is machined aluminum with a silver plate
nish. Control pins are .030” dia.
Features
• 50 dB Ultimate Rejections to 18 GHz
• Low Insertion Loss: 2.7 dB
• High Speed: 160 nSec
• Low Video Feed-thru: 1.5 mV
Typical Speci cations
Frequency………….
390 – 490 MHz (CH2)
Switching Speed…..
160 nSec ON
104 nSec OFF
Input 1 dB Comp…..
15 dBm
IP2…………………..
73 dBm
IP3…………………..
39 dBm
VSWR………………
1.8:1 Max
Insertion Loss………
2.7 dB
Switching Type…….
TTL
DC Power…………..
5V @ 1.5 mA
Temp Range……….
-40 oC to +85 oC
All speci cations above measured at 25 oC
330 – 630 MHz (CH1)


Similar Part No. - SFB2

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
SFB2010CT ZSELEC-SFB2010CT Datasheet
128Kb / 2P
20.0A GLASS PASSIVATED SUPER FAST RECTIFIER
SFB2020CT ZSELEC-SFB2020CT Datasheet
128Kb / 2P
20.0A GLASS PASSIVATED SUPER FAST RECTIFIER
SFB2030CT ZSELEC-SFB2030CT Datasheet
128Kb / 2P
20.0A GLASS PASSIVATED SUPER FAST RECTIFIER
SFB2040CT ZSELEC-SFB2040CT Datasheet
128Kb / 2P
20.0A GLASS PASSIVATED SUPER FAST RECTIFIER
SFB2050CT ZSELEC-SFB2050CT Datasheet
128Kb / 2P
20.0A GLASS PASSIVATED SUPER FAST RECTIFIER
More results

Similar Description - SFB2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1059 LINER-LTC1059 Datasheet
462Kb / 8P
High Performance Switched Capacitor Universal Filter
logo
Maxim Integrated Produc...
MF10 MAXIM-MF10 Datasheet
683Kb / 16P
Kual Universal Switched Capacitor Filter
19-1067; Rev 1; 7/96
logo
STMicroelectronics
TSG8513 STMICROELECTRONICS-TSG8513 Datasheet
420Kb / 12P
SWITCHED CAPACTIOR MASK PROGRAMMABLE FILTER
logo
National Semiconductor ...
MF6C NSC-MF6C Datasheet
627Kb / 18P
ORDER SWITCHED CAPACITOR BUTTERWORTH LOWPASS FILTER
MF8 NSC-MF8 Datasheet
383Kb / 24P
4th-Order Switched Capacitor Bandpass Filter
logo
Linear Technology
LTC1059 LINER-LTC1059_09 Datasheet
120Kb / 8P
High Performance Switched Capacitor Universal Filter
logo
Spectrum Microwave, Inc...
SFB7 SPECTRUM-SFB7 Datasheet
718Kb / 2P
Switched Filter Bank  7 Channel
logo
Texas Instruments
MF5 TI1-MF5 Datasheet
542Kb / 18P
Universal Monolithic Switched Capacitor Filter
MF10-N TI1-MF10-N_17 Datasheet
2Mb / 36P
Universal Monolithic Dual Switched Capacitor Filter
logo
Mixed Signal Integratio...
MSELP MSI-MSELP Datasheet
294Kb / 7P
Switched Capacitor Elliptic Lowpass Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com