Electronic Components Datasheet Search
  English  ▼

X  

SFB7 Datasheet(PDF) 1 Page - Spectrum Microwave, Inc.

Part # SFB7
Description  Switched Filter Bank  7 Channel
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRUM [Spectrum Microwave, Inc.]
Direct Link  http://www.spectrummicrowave.com
Logo SPECTRUM - Spectrum Microwave, Inc.

SFB7 Datasheet(HTML) 1 Page - Spectrum Microwave, Inc.

  SFB7 Datasheet HTML 1Page - Spectrum Microwave, Inc. SFB7 Datasheet HTML 2Page - Spectrum Microwave, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Spectrum Microwave, Inc.
38166 Old Stage Road; Delmar, Delaware 19940
www.SpectrumMicrowave.com Phone (888) 553-7531
Fax (888) 553-7532
sales@SpectrumMicrowave.com
Switched Filter Bank 7 Channel
RF Pre-selector (Passbands 100 - 7000 MHz)
(Stopbands to 20 GHz)
Typical Specications
Frequency Range
100 – 7000 MHz
Switching Speed
200 nsec
Input 1 dB Comp
+15 dBm
Amplitude Ripple
0.5 dB
IP3
44 dBm
VSWR
1.8:1 max
Insertion Loss
9 dB
Switching Type
TTL
DC Power
5V @ 50 mA
-5V @ 45 mA
Temp Range
-10 oC to +65 oC
Description
Spectrum Microwave’s 7-Channel RF Pre-selector
lter provides 7 selectable RF lter channels with
Ultimate Rejections out to 18 GHz. Modular
construction allows customization of band splits to
provide continuous overlapping band performance.
Channels 1 thru 6 are Miniature Lumped Element
Bandpass Filters while Channel 7 is an Interdigital
Cavity Filter. This low-profile Filter Bank provides
Excellent Low-Ripple Passband Performance while
Suppressing Ultimate Rejections by 70 dB out to 20
GHz.
Three control pins provide TTL selection of the
desired operating channel. The unit is bi-directional
with SMA eld removable connectors.
Dimensions and Connections
TBD L x 3.10” W x 0.35” H excluding SMA connectors
and control pins. Final length depends upon
customer requirements for lter performance.
The chassis is machined aluminum with a silver plate
nish. Control pins are .030” dia.
Features
70 dB Ultimate Rejections to 20 GHz
High Linearity: (IP3… +44 dBm)
Fast Switching Speed: 200 nsec
Low Video Feed-thru: 1.5mV
Exploded View
All specications above measured at 25 C


Similar Part No. - SFB7

ManufacturerPart #DatasheetDescription
logo
Eravant
SFB-05-E2 ERAVANT-SFB-05-E2 Datasheet
392Kb / 3P
G-Band Externally Biased Balanced Mixer
Rev 1.3
SFB-05-E9 ERAVANT-SFB-05-E9 Datasheet
279Kb / 2P
G-Band Externally Biased Balanced Mixer
Rev 1.0
SFB-05-N1 ERAVANT-SFB-05-N1 Datasheet
289Kb / 2P
G-Band Balanced Mixer
Rev 1.2
SFB-06-E2 ERAVANT-SFB-06-E2 Datasheet
459Kb / 3P
D-Band Externally Biased Balanced Mixer
SFB-06-N9 ERAVANT-SFB-06-N9 Datasheet
281Kb / 3P
D-Band Balanced Mixer
Rev 1.0
More results

Similar Description - SFB7

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
FA4230 AEROFLEX-FA4230 Datasheet
313Kb / 2P
ULTRA MINIATURE 400-750MHZ SWITCHED FILTER BANK
logo
Spectrum Microwave, Inc...
SFB2 SPECTRUM-SFB2 Datasheet
674Kb / 2P
Switched Filter B anks
logo
Micronetics, Inc.
7SF8188 MICRONETICS-7SF8188 Datasheet
217Kb / 1P
SWITCH / FILTER BANK
10SF8181 MICRONETICS-10SF8181 Datasheet
217Kb / 1P
SWITCH / FILTER BANK ASSEMBLY
logo
API Technologies Corp
310-020649-002 APITECH-310-020649-002 Datasheet
393Kb / 2P
1.75-20.2 GHz Switched Filter Bank
310-020448-001 APITECH-310-020448-001 Datasheet
379Kb / 2P
5-Channel 35-85 MHz Switched Filter Bank
310-020137-001 APITECH-310-020137-001 Datasheet
629Kb / 2P
3-Channel 2400-6000 MHz Switched Filter Bank
310-020038-002 APITECH-310-020038-002 Datasheet
409Kb / 2P
5.95-20.25 GHz Switched Filter Bank
310-020026-001 APITECH-310-020026-001 Datasheet
417Kb / 2P
6-Channel 1.0-8.0 GHz Switched Filter Bank
logo
MTRONPTI
SA0068 MTRONPTI-SA0068 Datasheet
851Kb / 4P
Specification for a Switched 7 LC Filter Assembly
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com