Electronic Components Datasheet Search
  English  ▼

X  

RNA51958A Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # RNA51958A
Description  Voltage Detecting, System Resetting IC Series
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RNA51958A Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button RNA51958A Datasheet HTML 4Page - Renesas Technology Corp RNA51958A Datasheet HTML 5Page - Renesas Technology Corp RNA51958A Datasheet HTML 6Page - Renesas Technology Corp RNA51958A Datasheet HTML 7Page - Renesas Technology Corp RNA51958A Datasheet HTML 8Page - Renesas Technology Corp RNA51958A Datasheet HTML 9Page - Renesas Technology Corp RNA51958A Datasheet HTML 10Page - Renesas Technology Corp RNA51958A Datasheet HTML 11Page - Renesas Technology Corp RNA51958A Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
RNA51958A,B
REJ03D0915-0100 Rev.1.00 Mar 02, 2009
Page 10 of 11
Setting of Delay Capacity
Please use capacitor Cd for the delay within the range of 10
µF or less.
When a value that is bigger than this is set, the problem such as following (1), (2), and (3) becomes remarkable.
t
VCC
Output
tpd
tPHL
Figure 9 Time Chart at Momentary Voltage-Decrease
(1) The difference at delay time becomes remarkable.
A long delay setting of tens of seconds is fundamentally possible. However, when set delay time is lengthened, the
range of the difference relatively grows, too. When a set value is assumed to be ‘tpd’, the difference occurs in the
range from 0.47
× tpd to 2.05 × tpd. For instance, 34 seconds can be calculated at 100 µF. However, it is likely to
vary within the ranges of 16-70 seconds.
(2) Difficulty to react to a momentary voltage decrease.
For example, the reaction time tPHL is 10 µs when delay capacitor Cd = 0.1 µF.
The momentary voltage-decrease that is longer than such tPHL are occurs, the detection becomes possible. When the
delay capacitance is enlarged, tPHL also becomes long. For instance, it becomes about 100 to 200 µs in case of
circuit constant C1 = 100
µF.
(Characteristic graph 1 is used and extrapolation in case of Cd = 100
µF.)
Therefore, it doesn't react to momentary voltage-decrease that is shorter than this.
(3) Original delay time is not obtained.
When the momentary voltage-decrease time ‘t’ is equivalent to tPHL, the discharge becomes insufficient and the
charge starts at that state. This phenomenon occurs at large capacitance. And, original delay time tpd is not
obtained.
Please refer to characteristic graph 2. (Delay time versus input pulse width)
0.01
0.1
1
Delay Capacitance Cd (
µF)
10
100
1000
1
10
100
200
1
10
100
Pulse Width (
µs)
Characteristic Graph 2
Delay Time vs. Momentary Voltage Decrease Pulse Width
(Example data)
Characteristic Graph 1
Reaction Time vs. Delay Capacitance
(Example data)
1000
10000
10000
1000
100
10
1
0.01
µF
Delay Capacitance
0.033
µF
0.1
µF
0.33
µF
1
µF
2.2
µF
3.3
µF
Figure 10 Characteristic Graph



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com