Electronic Components Datasheet Search
  English  ▼

X  

TAD5010 Datasheet(PDF) 1 Page - Spectrum Microwave, Inc.

Part # TAD5010
Description  7 Bit Digital Attenuator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRUM [Spectrum Microwave, Inc.]
Direct Link  http://www.spectrummicrowave.com
Logo SPECTRUM - Spectrum Microwave, Inc.

TAD5010 Datasheet(HTML) 1 Page - Spectrum Microwave, Inc.

  TAD5010 Datasheet HTML 1Page - Spectrum Microwave, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SPECTRUM MICROWAVE • 2144 Franklin Drive N.E. • Palm Bay, Florida 32905 • Phone: (888) 553-7531 • Fax: (888) 553-7532
SPECTRUM CONTROL GmbH • Hansastrasse 6 • 91126 Schwabach, Germany • Phone: (49)-9122-795-0 • Fax: (49)-9122-795-58
820
www.specwave.com
7 Bit Digital Attenuator
Attenuation Range: 63.5 dB
Model TAD5010
50 to 250 MHz


Similar Part No. - TAD5010

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
TAD5010 APITECH-TAD5010 Datasheet
586Kb / 1P
7 Bit Digital Attenuator Attenuation Range: 63.5 dB
More results

Similar Description - TAD5010

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
TAD5009 SPECTRUM-TAD5009 Datasheet
89Kb / 1P
7 Bit Digital Attenuator
logo
TriQuint Semiconductor
TQP4M9083 TRIQUINT-TQP4M9083 Datasheet
674Kb / 11P
High Linearity 7-Bit, 31.75dB Digital Step Attenuator
logo
API Technologies Corp
TAD5010 APITECH-TAD5010 Datasheet
586Kb / 1P
7 Bit Digital Attenuator Attenuation Range: 63.5 dB
TAD5009 APITECH-TAD5009 Datasheet
93Kb / 1P
7 Bit Digital Attenuator Attenuation Range: 12.7 dB
logo
Integrated Device Techn...
IDTF1950 IDT-IDTF1950 Datasheet
2Mb / 17P
7-bit 0.25 dB Digital Step Attenuator
F1956 IDT-F1956 Datasheet
7Mb / 23P
7-Bit 0.25 dB Wideband Digital Step Attenuator
logo
Peregrine Semiconductor
PE43704 PSEMI-PE43704 Datasheet
1Mb / 20P
RF Digital Step Attenuator, 7-bit
logo
Integrated Device Techn...
IDTF1950 IDT-IDTF1950_17 Datasheet
1Mb / 18P
7-bit 0.25 dB Digital Step Attenuator
logo
Renesas Technology Corp
F1956 RENESAS-F1956 Datasheet
6Mb / 24P
7-Bit 0.25 dB Wideband Digital Step Attenuator
F1977 RENESAS-F1977 Datasheet
10Mb / 22P
7-Bit, 75 W, Digital Step Attenuator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com