Electronic Components Datasheet Search
  English  ▼

X  

SN74F153 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74F153
Description  DUAL 1-OF-4 DATA SELECTORS/MULTIPLEXERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74F153 Datasheet(HTML) 1 Page - Texas Instruments

  SN74F153 Datasheet HTML 1Page - Texas Instruments SN74F153 Datasheet HTML 2Page - Texas Instruments SN74F153 Datasheet HTML 3Page - Texas Instruments SN74F153 Datasheet HTML 4Page - Texas Instruments SN74F153 Datasheet HTML 5Page - Texas Instruments SN74F153 Datasheet HTML 6Page - Texas Instruments SN74F153 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SN54F153, SN74F153
DUAL 1-OF-4 DATA SELECTORS/MULTIPLEXERS
SDFS052A – D2932, MARCH 1987 – REVISED OCTOBER 1993
Copyright
© 1993, Texas Instruments Incorporated
2–1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
• Permits Multiplexing From N Lines to
One Line
• Performs Parallel-to-Serial Conversion
• Strobe (Enable) Line Provided for
Cascading (N Lines to N Lines)
• Package Options Include Plastic
Small-Outline Packages, Ceramic Chip
Carriers, and Standard Plastic and Ceramic
300-mil DIPs
description
These
data
selectors/multiplexers
contain
inverters and drivers to supply full binary decoding
data selection to the AND-OR gates. Separate
strobe (G) inputs are provided for each of the two
4-line sections.
The SN54F153 is characterized for operation over
the full military temperature range of – 55
°C to
125
°C. The SN74F153 is characterized for
operation from 0
°C to 70°C.
FUNCTION TABLE
INPUTS
STROBE
OUTPUT
SELECT
DATA
STROBE
G
OUTPUT
Y
B
A
C0
C1
C2
C3
G
Y
X
X
X
X
X
X
H
L
L
LL
XX
X
L
L
L
LH
XX
X
L
H
L
HX
LX
X
L
L
L
HX
HX
X
L
H
H
LX
XL
X
L
L
H
LX
XHX
L
H
H
HX
XX
L
L
L
H
H
X
X
X
H
L
H
Select inputs A and B are common to both sections.
SN54F153 ...J PACKAGE
SN74F153 ...D OR N PACKAGE
(TOP VIEW)
32
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
A
2C3
NC
2C2
2C1
1C3
1C2
NC
1C1
1C0
SN54F153 . . . FK PACKAGE
(TOP VIEW)
NC – No internal connection
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1G
B
1C3
1C2
1C1
1C0
1Y
GND
VCC
2G
A
2C3
2C2
2C1
2C0
2Y
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - SN74F153

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74F153 TI-SN74F153 Datasheet
1,022Kb / 18P
DUAL 1-OF-4 DATA SELECTORS MULTIP LEXERS
SN74F153D TI-SN74F153D Datasheet
1,022Kb / 18P
DUAL 1-OF-4 DATA SELECTORS MULTIP LEXERS
SN74F153D TI1-SN74F153D Datasheet
1Mb / 19P
DUAL 1-OF-4 DATA SELECTORS/MULTIPLEXERS
SN74F153DE4 TI-SN74F153DE4 Datasheet
1,022Kb / 18P
DUAL 1-OF-4 DATA SELECTORS MULTIP LEXERS
SN74F153DG4 TI-SN74F153DG4 Datasheet
1,022Kb / 18P
DUAL 1-OF-4 DATA SELECTORS MULTIP LEXERS
More results

Similar Description - SN74F153

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALS151 TI-SN54ALS151 Datasheet
110Kb / 6P
1-OF-8 DATA SELECTORS/MULTIPLEXERS
SN54ALS153 TI-SN54ALS153 Datasheet
111Kb / 7P
DUAL 1-OF-4 DATA SELECTORS/MULTIPLEXERS
SN54F151B TI-SN54F151B Datasheet
76Kb / 5P
1-OF-8 DATA SELECTORS/MULTIPLEXERS
logo
Fairchild Semiconductor
DM74LS153 FAIRCHILD-DM74LS153 Datasheet
52Kb / 5P
Dual 1-of-4 Line Data Selectors/Multiplexers
logo
Hitachi Semiconductor
HD74LS152 HITACHI-HD74LS152 Datasheet
55Kb / 6P
1-of-8 Data Selectors/Multiplexers
logo
Texas Instruments
SN54ALS151 TI-SN54ALS151_07 Datasheet
652Kb / 17P
1-OF-8 DATA SELECTORS/MULTIPLEXERS
SN74F151BDR TI1-SN74F151BDR Datasheet
80Kb / 5P
1-OF-8 DATA SELECTORS/MULTIPLEXERS
logo
Aeroflex Circuit Techno...
UT54ACS151 AEROFLEX-UT54ACS151 Datasheet
239Kb / 10P
1 of 8 Data Selectors/Multiplexers
logo
Texas Instruments
SN54ALS153 TI1-SN54ALS153_15 Datasheet
770Kb / 17P
DUAL 1-OF-4 DATA SELECTORS/MULTIPLEXERS
SN54F153 TI1-SN54F153_15 Datasheet
1Mb / 19P
DUAL 1-OF-4 DATA SELECTORS/MULTIPLEXERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com