Electronic Components Datasheet Search
  English  ▼

X  

2N7002KG Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # 2N7002KG
Description  N-Ch Small Signal MOSFET with Gate Protection
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2N7002KG Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  2N7002KG Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2N7002KG Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH 2N7002KG Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH 2N7002KG Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH 2N7002KG Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Elektronische Bauelemente
2N7002KG
190 mA, 60 V, RDS(ON) = 2 Ω
N-Ch Small Signal MOSFET with Gate Protection
01-December-2008 Rev. B
Page 2 of 5
N-CHANNEL ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
2
Max.
Unit
Test Conditions
Static
Drain-Source Breakdown Voltage
V(BR)DSS
60
-
-
VGS = 0, ID = 10uA
Gate-Threshold Voltage
VGS(th)
1.0
-
2.5
V
VDS = VGS, ID = 250uA
Forward Transconductance
2
gfs
100
-
-
mS
VDS = 10V, ID = 200 mA
-
-
±10
μA
VDS = 0, VGS = ±20V
-
-
±150
VDS = 0, VGS = ±10V
-
-
±1000
VDS=0,VGS=±10V,TJ=85°C
Gate-Body Leakage Current
IGSS
-
-
±100
VDS = 0, VGS = ±5V
-
-
10
VDS = 50, VGS = 0
-
-
100
nA
VDS = 50V, VGS=0, TJ=85°C
-
-
1
VDS = 60V, VGS = 0
Zero Gate Voltage Drain Current
IDSS
-
-
500
μA
VDS=60V, VGS=0, TJ=125°C
800
-
-
VGS = 10V, VDS = 7.5V
On-State Drain Current
2
ID(ON)
500
-
-
mA
VGS = 4.5V, VDS = 10V
-
-
2
VGS = 10V, IDS = 500mA
Drain-Source On-Resistance
2
rDS(ON)
-
-
4
Ω
VGS = 4.5V, IDS = 200mA
Diode Forward Voltage
VDS(ON)
-
-
1.3
V
IS = 200mA, VGS = 0
Dynamic
2
Total Gate Charge
Qg
-
0.4
0.6
nC
VDS=10V,VGS=4.5V,ID=250mA
Input Capacitance
Ciss
-
30
-
Output Capacitance
Coss
-
6
-
Reverse Transfer Capacitance
Crss
-
2.5
-
pF
VDS=25V, VGS=0V, f=1MHz
Switching
2,3
Turn-On Time
t(ON)
-
-
25
Turn-Off Time
t(OFF)
-
-
35
nS
VDD=30V,RL=150Ω,ID=
200mA,VGEN=10V,RG=10Ω
Notes:
1. TA = 25°C unless otherwise noted.
2. For DESIGN AID ONLY, not subject to production testing.
3. Pulse test: PW ≦ 300
μs duty cycle ≦ 2%
4. Switching time is essentially independent of operating temperature.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com