Electronic Components Datasheet Search
  English  ▼

X  

2N7002T Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # 2N7002T
Description  Small Signal MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2N7002T Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  2N7002T Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2N7002T Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH 2N7002T Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Any changing of specification will not be informed individual
http://www.SeCoSGmbH.com
Elektronische Bauelemente
W
Small Signal MOSFET
115 mAMPS, 60VOLTS, RDS(on)=7.5
2N7002T
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain–Source Breakdown Voltage
(VGS = 0, ID = 10 µAdc)
V(BR)DSS
60
–
–
Vdc
Zero Gate Voltage Drain Current
TJ = 25°C
(VGS = 0, VDS = 60 Vdc)
TJ = 125°C
IDSS
–
–
–
–
1.0
500
µAdc
Gate–Body Leakage Current, Forward
(VGS = 20 Vdc)
IGSSF
–
–
10
nAdc
Gate–Body Leakage Current, Reverse
(VGS = –20 Vdc)
IGSSR
–
–
–10
nAdc
ON CHARACTERISTICS (Note 2.)
Gate Threshold Voltage
(VDS = VGS, ID = 250 µAdc)
VGS(th)
1.0
–
2.0
Vdc
On–State Drain Current
(VDS ≥ 2.0 VDS(on), VGS = 10 Vdc)
ID(on)
0.5
1
–
A
Static Drain–Source On–State Resistance
(VGS = 10 V, ID = 500 mAdc)
TC = 25
°C
(VGS = 5.0 Vdc, ID = 50 mAdc) TC = 25°C
RDS(on)
–
–
–
–
13.5
7.5
Ohms
Forward Transconductance
(VDS = 10 V, ID = 200 mAdc)
gFS
80
–
–
ms
DYNAMIC CHARACTERISTICS
Input Capacitance
(VDS = 25 Vdc, VGS = 0, f = 1.0 MHz)
Ciss
–
–
50
pF
Output Capacitance
(VDS = 25 Vdc, VGS = 0, f = 1.0 MHz)
Coss
–
–
25
pF
Reverse Transfer Capacitance
(VDS = 25 Vdc, VGS = 0, f = 1.0 MHz)
Crss
–
–
5.0
pF
SWITCHING CHARACTERISTICS (Note 2.)
Turn–On Delay Time
(VDD = 30 Vdc, ID ^ 200 mAdc,
td(on)
–
–
20
ns
Turn–Off Delay Time
(VDD 25 Vdc, ID ^ 500 mAdc,
RG = 25 Ω, RL = 150 Ω, Vgen = 10 V)
td(off)
–
–
20
ns
01-Jun-2002 Rev. A
Page 2 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com