Electronic Components Datasheet Search
  English  ▼

X  

2N7002W Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # 2N7002W
Description  Small Signal MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2N7002W Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  2N7002W Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2N7002W Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH 2N7002W Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Any changing of specification will not be informed individual
http://www.SeCoSGmbH.com
Elektronische Bauelemente
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Drain–Source Voltage
VDSS
60
Vdc
Drain–Gate Voltage (RGS = 1.0 MΩ)
VDGR
60
Vdc
Drain Current
– Continuous TC = 25°C (Note 1.)
– Continuous TC = 100°C (Note 1.)
– Pulsed (Note 2.)
ID
ID
IDM
±115
±75
±800
mAdc
Gate–Source Voltage
– Continuous
– Non–repetitive (tp ≤ 50 µs)
VGS
VGSM
±20
±40
Vdc
Vpk
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR–5 Board
(Note 3.) TA = 25°C
Derate above 25
°C
PD
225
1.8
mW
mW/
°C
Thermal Resistance, Junction to Ambient
RθJA
556
°C/W
Total Device Dissipation
Alumina Substrate,(Note 4.) TA = 25°C
Derate above 25
°C
PD
300
2.4
mW
mW/
°C
Thermal Resistance, Junction to Ambient
RθJA
417
°C/W
Junction and Storage Temperature
TJ, Tstg
–55 to
+150
°C
1. The Power Dissipation of the package may result in a lower continuous drain
current.
2. Pulse Test: Pulse Width
≤ 300 µs, Duty Cycle ≤ 2.0%.
3. FR–5 = 1.0 x 0.75 x 0.062 in.
4. Alumina = 0.4 x 0.3 x 0.025 in 99.5% alumina.
2
N–Channel
SOT–323
K72 , 702 = Device Code
MARKING DIAGRAM
& PIN ASSIGNMENT
3
2
1
Drain
Gate
2
1
3
Source
Small Signal MOSFET
115 mAMPS, 60VOLTS, RDS(on)=7.5
2N7002W
N–Channel SOT–323
D
J
K
L
A
C
B S
H
G
V
3
1
2
Dim
Min
Max
A
1.800
2.200
B
1.150
1.350
C
0.800
1.000
D
0.300
0.400
G
1.200
1.400
H
0.000
0.100
J
0.100
0.250
K
0.350
0.500
L
0.590
0.720
S
2.000
2.400
V
0.280
0.420
All Dimension in mm
SOT-323
01-Jun-2005 Rev. A
Page 1 of 3
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - 2N7002W

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
2N7002W DIODES-2N7002W Datasheet
68Kb / 3P
N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30099 Rev. 4P-1
logo
Weitron Technology
2N7002W WEITRON-2N7002W Datasheet
104Kb / 4P
N-Channel MOSFET
logo
Diodes Incorporated
2N7002W DIODES-2N7002W Datasheet
81Kb / 3P
N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30099 Rev. 9 - 2
logo
Pan Jit International I...
2N7002W PANJIT-2N7002W Datasheet
161Kb / 5P
60V N-Channel Enhancement Mode MOSFET
logo
TRANSYS Electronics Lim...
2N7002W TEL-2N7002W Datasheet
112Kb / 1P
Plastic-Encapsulated Transistors
More results

Similar Description - 2N7002W

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMT2N7000 ETC1-CMT2N7000 Datasheet
118Kb / 5P
Small Signal MOSFET
logo
ON Semiconductor
NTJD4001N ONSEMI-NTJD4001N Datasheet
46Kb / 6P
Small Signal MOSFET
August, 2003 ??Rev. 0
BS170 ONSEMI-BS170 Datasheet
52Kb / 4P
Small Signal MOSFET Small Signal MOSFET Small Signal MOSFET
April, 2004 ??Rev. 4
logo
SeCoS Halbleitertechnol...
2N7002DW SECOS-2N7002DW Datasheet
142Kb / 3P
Small Signal MOSFET
logo
Leshan Radio Company
L2N7002KDW1T1G LRC-L2N7002KDW1T1G_15 Datasheet
1Mb / 6P
Small Signal MOSFET
L2N7002KN3T5G LRC-L2N7002KN3T5G_15 Datasheet
230Kb / 5P
Small Signal MOSFET
L2N7002KWT1G LRC-L2N7002KWT1G_15 Datasheet
685Kb / 6P
Small Signal MOSFET
L2N7002M3T5G LRC-L2N7002M3T5G_15 Datasheet
173Kb / 4P
Small Signal MOSFET
LNTA7002NT1G LRC-LNTA7002NT1G_15 Datasheet
410Kb / 5P
Small Signal MOSFET
logo
ON Semiconductor
NTR5103N ONSEMI-NTR5103N_16 Datasheet
133Kb / 5P
Small Signal MOSFET
October, 2016 ??Rev. 1
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com