Electronic Components Datasheet Search
  English  ▼

X  

2SA812K Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # 2SA812K
Description  PNP Epitaxial Planar Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2SA812K Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  2SA812K Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2SA812K Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
2SA812K
-50 V, -100 mA
PNP Epitaxial Planar Transistor
01-June-2002 Rev. A
Page 1 of 2
RoHS Compliant Product
A suffix of “-C” specifies halogen and lead free
FEATURES
Complementary to 2SC1623K
High DC Current Gain: hFE = 200 TYP. (VCE = -6V, IC = -1mA)
High Voltage: VCEO = -50V
PACKAGE DIMENSIONS
ABSOLUTE MAXIMUM
RATINGS at Ta = 25°C
Parameter
Symbol
Ratings
Unit
Collector to Base Voltage
VCBO
-60
V
Collector to Emitter Voltage
VCEO
-50
V
Emitter to Base Voltage
VEBO
-5
V
Collector Currrent
IC
-100
mA
Total Power Dissipation
Pc
200
mW
Junction, Storage Temperature
TJ, TSTG
+150, -55 ~ +150
℃
CHARACTERISTICS at Ta = 25°C
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
-60
-
-
V
IC=-100uA
BVCEO
-50
-
-
V
IC=-1mA
BVEBO
-5
-
-
V
IE=-100uA
ICBO
-
-
-100
nA
VCB=-60V
IEBO
-
-
-100
nA
VEB=-5V
*VCE(sat)
-
-
300
mV
IC=100mA, IB=10mA
VBE
-0.58
-
-0.68
V
IC = -1mA, VCE = -6V
hFE
90
-
600
VCE=-6V, IC=-1mA
fT
-
180
-
MHz
VCE=-6V, IC=-10mA
Cob
-
4.5
-
pF
VCB = -10V, f = 1 MHz
CLASSIFICATION OF hFE
Rank
P
Y
G
B
Range
90 - 180
135 - 270
200 - 400
300 - 600
Marking
M4
M5
M6
M7
Collector
Base
Emitter
Dim
Min
Max
A
2.800
3.040
B
1.200
1.400
C
0.890
1.110
D
0.370
0.500
G
1.780
2.040
H
0.013
0.100
J
0.085
0.177
K
0.450
0.600
L
0.890
1.020
S
2.100
2.500
V
0.450
0.600
All Dimension in mm
SOT-23
K
J
C
H
L
A
B S
G
V
3
1
2
D
Top View
1
2
3


Similar Part No. - 2SA812K

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2SA812K SECOS-2SA812K_15 Datasheet
249Kb / 2P
PNP Epitaxial Planar Transistor
More results

Similar Description - 2SA812K

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MPSA194 UTC-MPSA194 Datasheet
53Kb / 1P
PNP EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
G2N4403 GTM-G2N4403 Datasheet
112Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
G2N5401 GTM-G2N5401 Datasheet
147Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
G8550S GTM-G8550S Datasheet
174Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
GL4401 GTM-GL4401 Datasheet
164Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GL5401 GTM-GL5401 Datasheet
166Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM649A GTM-GM649A Datasheet
478Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM1426 GTM-GM1426 Datasheet
173Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM2907A GTM-GM2907A Datasheet
214Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GMBT1132 GTM-GMBT1132 Datasheet
257Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com