Electronic Components Datasheet Search
  English  ▼

X  

2SA1037 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # 2SA1037
Description  Small Signal Plastic Encapsulate Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2SA1037 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  2SA1037 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2SA1037 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH 2SA1037 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Elektronische Bauelemente
2SA1037
- 0.15A, - 50V
Small Signal Plastic Encapsulate Transistor
ELECTRICAL CHARACTERISTICS (Ta = 25
)
TYPE NUMBER
SYMBOL
Min.
Typ.
Max.
UNIT
TEST CONDITIONS
Collector-Base Breakdown Voltage
BVCBO
- 60
-
-
V
IC = 50 µA
Collector-Emitter Breakdown Voltage
BVCEO
- 50
-
-
V
IC = 1 µA
Emitter-Base Breakdown Voltage
BVEBO
- 6
-
-
V
IE = 50 µA
Collector Cutoff Current
ICBO
-
-
- 0.1
µA
VCB = 60 V
Emitter Cutoff Current
IEBO
-
-
- 0.1
µA
VEB = 6 V
Collector-Emitter Saturation Voltage
VCE (sat)
-
-
- 0.5
V
IC / IB = 50 mA / 5 mA
DC Current Transfer Ratio
hFE
120
-
560
-
VCE = 6 V, IC = 1 mA
VCE = 12 V, IE = 2 mA,
Transition Frequency
fT
-
140
-
MHz
f = 30 MHz
VCB = 12 V, IE = 0 A,
Output Capacitance
Cob
-
4.0
5.0
pF
f = 1 MHz
hFE VALUES ARE CLASSIFIED AS FOLLOWS:
ITEM
Q
R
S
hFE
120 ~ 270
180 ~ 390
270 ~ 560
Marking
FQ
FR
FS
ELECTRICAL CHARACTERISTIC CURVES
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
Fig.1 Grounded emitter propagation
characteristics
−0.2
−50
−20
−10
−5
−2
−1
−0.5
−0.2
−0.1
−0.4 −0.6 −0.8 −1.0 −1.2 −1.4 −1.6
VCE=
−6V
BASE TO EMITTER VOLTAGE : VBE (
V)
Ta=100˚C
25˚C
−40˚C
Fig.2 Grounded emitter output
characteristics (I)
−0.4
−4
−8
−1.2
0
−2
−6
−10
−0.8
−1.6
−2.0
−3.5µA
−7.0
−10.5
−14.0
−17.5
−21.0
−24.5
−28.0
−31.5
IB=0
Ta=25˚C
−35.0
COLLECTOR TO MITTER VOLTAGE : VCE (
V)
Fig.3 Grounded emitter output
characteristics (II)
−40
−80
−5
−3
−4
−2
−1
−20
−60
−100
0
IB=0
Ta=25˚C
COLLECTOR TO EMITTER VOLTAGE : VCE (
V)
−50µA
−100
−150
−200
−250
−500
−450
−400
−350
−300
01-Jun-2002 Rev. A
Page 1 of 2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com