Electronic Components Datasheet Search
  English  ▼

X  

2SA1162 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # 2SA1162
Description  PNP Silicon General Purpose Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2SA1162 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  2SA1162 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2SA1162 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Any changing of specification will not be informed individual
2SA1162
PNP Silicon
General Purpose Transistor
Collector
3
1
Base
2
Emitter
K
J
C
H
L
A
B S
G
V
3
1
2
D
Top View
1
2
3
p.),10dB (Max.)
Dim
Min
Max
A
2.800
3.040
B
1.200
1.400
C
0.890
1.110
D
0.370
0.500
G
1.780
2.040
H
0.013
0.100
J
0.085
0.177
K
0.450
0.600
L
0.890
1.020
S
2.100
2.500
V
0.450
0.600
All Dimension in mm
SOT-23
http://www.SeCoSGmbH.com
Elektronische Bauelemente
FEATURES
n
Low noise : NF= 1dB(Ty
n
RoHS Compliant Product
n
Complementary to 2SC2712.
n
Small Package.
(MAXIMUM RATINGS* TA=25 C
O
)
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
-50
V
VCEO
Collector-Emitter Voltage
-50
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current -Continuous
150
mA
PD
Total Device Dissipation
150
mW
TJ, Tstg
Junction and Storage Temperature
-55
~125
℃
*These ratings are limiting values above which the serviceability of any semiconductor device may be
impaired.
ELECTRICAL
CHARACTERISTICS(Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
Ic=-100u A,IE=0
-50
V
Collector-emitter breakdown voltage
V(BR)CEO
Ic=-1mA,IB=0
-50
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-100 u A,IC=0
-5
V
Collector cut-off current
ICBO
VCB=-50V,IE=0
-0.1
u A
Emitter cut-off current
IEBO
VEB=-5V,IC=0
-0.1
u A
DC current gain
hFE
VCE=-6V,IC=-2mA
70
400
Collector-emitter saturation voltage
VCE(sat)
IC=-100mA,IB=-10mA
-0.3
V
Transition frequency
fT
VCE=-10V,IC=-1mA
80
MHz
Collector output capacitance
Cob
VCB=-10V,IE=0,f=1MHz
7
pF
Noise figure
NF
VCE=-6V,Ic=0.1mA,
f=1KHZ,Rg=10KΩ
10
dB
CLASSIFICATION OF
hFE
Rank
O
Y
GR(G)
Range
70-140
120-240
200-400
Marking
SO
SY
SG
01-Jun-2002 Rev. A
Page 1 of 2
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - 2SA1162

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1162 TOSHIBA-2SA1162 Datasheet
153Kb / 2P
TRANSISTOR (AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER APPLICATIONS)
logo
TRANSYS Electronics Lim...
2SA1162 TEL-2SA1162 Datasheet
69Kb / 1P
Plastic-Encapsulated Transistors
logo
Toshiba Semiconductor
2SA1162 TOSHIBA-2SA1162 Datasheet
391Kb / 3P
Audio Frequency General Purpose Amplifier Applications
logo
Galaxy Semi-Conductor H...
2SA1162 BILIN-2SA1162 Datasheet
270Kb / 4P
Silicon Epitaxial Planar Transistor
Rev.A
logo
Toshiba Semiconductor
2SA1162 TOSHIBA-2SA1162 Datasheet
104Kb / 3P
Audio Frequency General Purpose Amplifier Applications
More results

Similar Description - 2SA1162

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBT2907AWT1 ONSEMI-MMBT2907AWT1 Datasheet
76Kb / 4P
General Purpose Transistor(PNP Silicon)
April, 2004 ??Rev. 3
logo
Zowie Technology Corpor...
MMBT2907A ZOWIE-MMBT2907A Datasheet
90Kb / 4P
GENERAL PURPOSE TRANSISTOR PNP SILICON
logo
Weitron Technology
A733LT1 WEITRON-A733LT1 Datasheet
1Mb / 4P
General Purpose Transistor PNP Silicon
BC807-16 WEITRON-BC807-16 Datasheet
322Kb / 4P
General Purpose Transistor PNP Silicon
MMBT3906 WEITRON-MMBT3906 Datasheet
300Kb / 6P
General Purpose Transistor PNP Silicon
logo
SeCoS Halbleitertechnol...
2N2907A SECOS-2N2907A Datasheet
210Kb / 5P
PNP Silicon General Purpose Transistor
2SA1036K SECOS-2SA1036K Datasheet
227Kb / 2P
PNP Silicon General Purpose Transistor
2SA1576F SECOS-2SA1576F Datasheet
439Kb / 3P
PNP Silicon General Purpose Transistor
2SB709A SECOS-2SB709A Datasheet
564Kb / 3P
PNP Silicon General Purpose Transistor
logo
ON Semiconductor
BCW68GLT1G ONSEMI-BCW68GLT1G Datasheet
113Kb / 3P
General Purpose Transistor PNP Silicon
August, 2009 ??Rev. 5
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com