Electronic Components Datasheet Search
  English  ▼

X  

2SB1197K Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # 2SB1197K
Description  Low Frequency Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2SB1197K Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  2SB1197K Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2SB1197K Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH 2SB1197K Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Elektronische Bauelemente
2SB1197K
- 32V, - 0.8A
Low Frequency Transistor
FEATURES
. Low V
CE(sat).
VCE(sat)
0.5V
(IC / IB = - 0.5A / - 50mA)
. I
C = - 0.8A.
. Complements the 2SD1781K.
. Epitaxial planar type
. PNP silicon transistor
MECHANICAL DATA
. Case: SC-59, Molded Plastic
. Terminals: Solderable per MIL-STD-202,
Method 208
. Polarity: See Diagrams Below
. Weight: 0.008 grams (approx.)
. Mounting Position: Any
ABSOLUTE MAXIMUM RATINGS
Rating 25
ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
SYMBOL
LIMITS
UNIT
Collector-Base Voltage
VCBO
- 40
V
Collector-Emitter Voltage
VCEO
- 32
V
Emitter-Base Voltage
VEBO
- 5
V
Collector Current
IC
- 0.8
A
Collector Power Dissipation
PC
0.2
W
Operating Temperature
TJ
150
Storage Temperature Range
TSTG
-55 ~ +150
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
Dim
Min
Max
A
2.70
3.10
B
1.30
1.70
C
1.00
1.30
D
0.35
0.50
G
1.70
2.30
H
0.00
0.10
J
0.10
0.26
K
0.20
0.60
L
1.25
1.65
S
2.25
3.00
All Dimension in mm
SC-59
S
G
D
B
L
A
1
3
2
Top View
H
C
J
K
2. Base
1.E mitter
3. C ollector
01-Jun-2002 Rev. A
Page 1 of 3
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - 2SB1197K

ManufacturerPart #DatasheetDescription
logo
Rohm
2SB1197K ROHM-2SB1197K Datasheet
93Kb / 3P
Low Frequency Transistor(-32V, -0.8A)
logo
Weitron Technology
2SB1197K WEITRON-2SB1197K Datasheet
292Kb / 3P
PNP General Purpose Transistors
logo
TRANSYS Electronics Lim...
2SB1197K TEL-2SB1197K Datasheet
68Kb / 1P
Plastic-Encapsulated Transistors
logo
Guangdong Kexin Industr...
2SB1197K KEXIN-2SB1197K Datasheet
39Kb / 1P
Low Frequency Transistor
logo
Rohm
2SB1197K ROHM-2SB1197K Datasheet
53Kb / 3P
Low Frequency Transistor (-32V, -0.8A)
More results

Similar Description - 2SB1197K

ManufacturerPart #DatasheetDescription
logo
Rohm
UML1N ROHM-UML1N Datasheet
25Kb / 1P
Low-frequency transistor
logo
Guangdong Kexin Industr...
2SD2150 KEXIN-2SD2150 Datasheet
35Kb / 1P
Low Frequency Transistor
2SA2018 KEXIN-2SA2018 Datasheet
35Kb / 1P
Low Frequency Transistor
logo
Leshan Radio Company
L2SA2030M3T5G LRC-L2SA2030M3T5G Datasheet
107Kb / 3P
Low frequency transistor
logo
Rohm
2SA2018 ROHM-2SA2018_1 Datasheet
145Kb / 3P
Low frequency transistor
logo
WILLAS ELECTRONIC CORP
2SB1197KXLT1 WILLAS-2SB1197KXLT1 Datasheet
316Kb / 3P
Low Frequency Transistor
logo
Galaxy Semi-Conductor H...
2SA2018 BILIN-2SA2018 Datasheet
169Kb / 4P
LOW FREQUENCY TRANSISTOR
2SC5585 BILIN-2SC5585 Datasheet
166Kb / 4P
LOW FREQUENCY TRANSISTOR
2SA2018 BILIN-2SA2018_17 Datasheet
155Kb / 4P
LOW FREQUENCY TRANSISTOR
logo
DONGGUAN YOU FENG WEI E...
2SB1197 YFWDIODE-2SB1197 Datasheet
325Kb / 2P
Low Frequency Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com