Electronic Components Datasheet Search
  English  ▼

X  

2SC2412 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # 2SC2412
Description  NPN Silicon General Purpose Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2SC2412 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  2SC2412 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2SC2412 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH 2SC2412 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Any changing of specification will not be informed individual
2SC2412
NPN Silicon
General Purpose Transistor
FEATURES
Expitaxial planar type
NPN Silicon Teansistor
STRUCTURE
Low Cob.
n
n
n
n
n
Cob=2.0pF
Compements the 2SA1037K
n
RoHS Compliant Product
http://www.SeCoSGmbH.com
Elektronische Bauelemente
Emitter
Base
Collector
!
!
!
!
Absolute maximum (Ta=25
°C)
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Collector power dissipation
Junction temperature
Storage temperature
Parameter
VCBO
VCEO
VEBO
PC
Tj
Tstg
60
V
V
V
A
W
°C
°C
50
7
0.15
IC
0.2
150
−55~+150
Symbol
Limits
Unit
hFE values are classified as follows :
Item
Q
R
S
hFE
120~270
180~390
270~560
!
!
!
!
Electrical characteristics (Ta=25
°C)
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cutoff current
Emitter cutoff current
DC current transfer ratio
Collector-emitter saturation voltage
Output capacitance
Parameter
Symbol
BVCBO
BVCEO
BVEBO
ICBO
IEBO
hFE
VCE(sat)
fT
Cob
Min.
60
50
7
120
180
2
0.1
0.1
560
0.4
3.5
VIC=50
µA
IC=1mA
IE=50
µA
VCB=60V
VEB=7V
VCE=6V, IC=1mA
IC/IB=50mA/5mA
VCE=12V, IE=
−2mA, f=100MHz
VCE=12V, IE=0A, f=1MHz
V
V
µA
µA
V
MHz
pF
Typ.
Max.
Unit
Conditions
Transition frequency
01-Jun-2002 Rev. A
Page 1 of 3
Dim
Min
Max
A
2.800
3.040
B
1.200
1.400
C
0.890
1.110
D
0.370
0.500
G
1.780
2.040
H
0.013
0.100
J
0.085
0.177
K
0.450
0.600
L
0.890
1.020
S
2.100
2.500
V
0.450
0.600
All Dimension in mm
SOT-23
K
J
C
H
L
A
B S
G
V
3
1
2
D
Top View
Marking
B Q
B R
B S
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - 2SC2412

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC2412 ROHM-2SC2412 Datasheet
77Kb / 3P
2SC4097 / 2SC1741S
logo
Galaxy Semi-Conductor H...
2SC2412 BILIN-2SC2412 Datasheet
318Kb / 4P
Silicon Epitaxial Planar Transistor
Rev.A
logo
Rectron Semiconductor
2SC2412 RECTRON-2SC2412 Datasheet
296Kb / 2P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(NPN)
logo
SeCoS Halbleitertechnol...
2SC2412 SECOS-2SC2412 Datasheet
461Kb / 3P
NPN Epitaxial Planar Transistor
logo
Shenzhen Jin Yu Semicon...
2SC2412 HTSEMI-2SC2412 Datasheet
963Kb / 3P
TRANSISTOR (NPN)
More results

Similar Description - 2SC2412

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N4264 ONSEMI-2N4264 Datasheet
169Kb / 6P
General Purpose Transistor(NPN Silicon)
1997 REV 2
logo
Zowie Technology Corpor...
BC847A ZOWIE-BC847A Datasheet
79Kb / 4P
GENERAL PURPOSE TRANSISTOR NPN SILICON
BC849B ZOWIE-BC849B Datasheet
78Kb / 4P
GENERAL PURPOSE TRANSISTOR NPN SILICON
MMBT3906 ZOWIE-MMBT3906 Datasheet
107Kb / 5P
GENERAL PURPOSE TRANSISTOR NPN SILICON
logo
Weitron Technology
MMBT3904W WEITRON-MMBT3904W Datasheet
368Kb / 7P
General Purpose Transistor NPN Silicon
logo
SeCoS Halbleitertechnol...
2SC1213 SECOS-2SC1213 Datasheet
77Kb / 2P
NPN Silicon General Purpose Transistor
2SC2235 SECOS-2SC2235 Datasheet
181Kb / 2P
NPN Silicon General Purpose Transistor
logo
SEMTECH ELECTRONICS LTD...
MMBT4401 SEMTECH_ELEC-MMBT4401 Datasheet
185Kb / 2P
NPN Silicon General Purpose Transistor
logo
Zowie Technology Corpor...
MMBT2222AGH ZOWIE-MMBT2222AGH Datasheet
84Kb / 5P
General Purpose Transistor NPN Silicon
logo
SeCoS Halbleitertechnol...
2SC4618 SECOS-2SC4618_11 Datasheet
456Kb / 2P
NPN Silicon General Purpose Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com