Electronic Components Datasheet Search
  English  ▼

X  

2SD601A Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # 2SD601A
Description  NPN Plastic-Encapsulate Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2SD601A Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  2SD601A Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Elektronische Bauelemente
2SD601A
NPN Plastic-Encapsulate Transistor
01-June-2005 Rev. A
Page 1 of 1
RoHS Compliant Product
A suffix of “-C” specifies halogen and lead free
FEATURES
Power dissipation
PCM: 0.2 W (TAMB=25℃)
Collector current
ICM: 0.1 A
Collector-base voltage
V(BR)CBO: 60 V
Operating and storage junction temperature range
TJ,TSTG: -55℃ to +150℃
ELECTRICAL CHARACTERISTICS at TA = 25°C
PARAMETER
TEST CONDITIONS
SYMBOL
MIN.
TYP. MAX. UNIT
Collector-Base Breakdown Voltage
IC = 10 µA, IE = 0
V(BR)CBO
60
-
-
V
Collector-Emitter Breakdown Voltage
IC = 2 mA, IB = 0
V(BR)CEO
50
-
-
V
Emitter-Base Breakdown Voltage
IE = 10 µA, IC = 0
V(BR)EBO
7
-
-
V
Collector Cut-off Current
VCB = 20V, IE = 0
ICBO
-
-
0.1
μA
Collector Cut-off Current
VEB = 10V, IC = 0
ICEO
-
100
μA
Collector-Emitter Saturation Voltage
IC = 100mA, IB = 10mA
VCE(sat)
-
-
0.3
V
VCE = 10 V, IC = 2 mA
hFE(1)
160
-
460
DC Current Gain
VCE = 2 V, IC = 100 mA
hFE(2)
90
-
-
Transition Frequency
VCE = 10V, IC = 2mA, f = 200MHz
fT
-
150
-
MHz
Collector Output Capacitance
VCB = 10V, IE = 0, f = 1MHz
COB
-
3.5
-
pF
CLASSIFICATION OF hFE(1)
Rank
Q
R
S
Range
160 - 260
210 - 340
290 - 460
Marking
ZQ
ZR
ZS
Collector
Base
Emitter
Dim
Min
Max
A
2.800
3.040
B
1.200
1.400
C
0.890
1.110
D
0.370
0.500
G
1.780
2.040
H
0.013
0.100
J
0.085
0.177
K
0.450
0.600
L
0.890
1.020
S
2.100
2.500
V
0.450
0.600
All Dimension in mm
SOT-23
K
J
C
H
L
A
B S
G
V
3
1
2
D
Top View
1
2
3


Similar Part No. - 2SD601A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SD601A PANASONIC-2SD601A Datasheet
48Kb / 3P
Silicon PNP epitaxial planer type
2SD601A PANASONIC-2SD601A Datasheet
38Kb / 2P
Silicon NPN epitaxial planer type
2SD601A PANASONIC-2SD601A Datasheet
208Kb / 5P
Si NPN DIFFUSED JUNCTION MESA
logo
Guangdong Kexin Industr...
2SD601A KEXIN-2SD601A Datasheet
38Kb / 1P
Silicon NPN Epitaxial Planer Type
logo
SeCoS Halbleitertechnol...
2SD601A SECOS-2SD601A Datasheet
58Kb / 1P
NPN Plastic-Encapsulate Transistor
More results

Similar Description - 2SD601A

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
2SD2098 WEITRON-2SD2098 Datasheet
111Kb / 5P
NPN Plastic-Encapsulate Transistor
logo
SeCoS Halbleitertechnol...
2SD2142 SECOS-2SD2142 Datasheet
218Kb / 2P
NPN Plastic Plastic-Encapsulate Transistor
2SC2883 SECOS-2SC2883 Datasheet
370Kb / 3P
NPN Plastic-Encapsulate Transistor
2SC4098 SECOS-2SC4098 Datasheet
83Kb / 1P
NPN Plastic-Encapsulate Transistor
2SC4116 SECOS-2SC4116 Datasheet
172Kb / 3P
NPN Plastic-Encapsulate Transistor
2SC4215 SECOS-2SC4215 Datasheet
195Kb / 3P
NPN Plastic-Encapsulate Transistor
2SC4373 SECOS-2SC4373 Datasheet
77Kb / 1P
NPN Plastic-Encapsulate Transistor
2SD602 SECOS-2SD602_11 Datasheet
1Mb / 3P
NPN Plastic-Encapsulate Transistor
2SD602 SECOS-2SD602 Datasheet
1Mb / 3P
NPN Plastic-Encapsulate Transistor
BC846W SECOS-BC846W Datasheet
909Kb / 4P
NPN Plastic Encapsulate Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com