Electronic Components Datasheet Search
  English  ▼

X  

2SD2118 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # 2SD2118
Description  NPN Silicon General Purpose Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2SD2118 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  2SD2118 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2SD2118 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH 2SD2118 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Any changing of specification will not be informed individual
2SD2118
NPN Silicon
General Purpose Transistor
RoHS Compliant Product
http://www.SeCoSGmbH.com
Elektronische Bauelemente
FEATURES
ELECTRICAL CHARACTERISTICS (Tamb=25 unless otherwise specified)
IC=50µA, IE=0
MAXIMUM RATINGS* (TA=25oC unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Collector-Base Voltage
VCBO
5
0
V
Collector-Emitter Voltage
VCEO
2
0
V
Emitter-Base Voltage
VEBO
6
V
Collector Current
IC
5
A
Junction Temperature
Tj
°C
Storage Temperature
TSTG
-55~+150
°C
PC
1
W
Collector
Dissipation
Collector-Base Breakdown Voltage
Collector-Emitter Breakdown Voltage
Emitter-Base Breakdown Voltage
Collector-Base Cutoff Current
Emitter-Base Cutoff Current
Collector Saturation Voltage
DC Current Gain
Gain-Bandwidth Product
Output Capacitance
Parameter
Symbol
BVCBO
BVCEO
BVEBO
ICBO
IEBO
VCE(sat)
hFE
fT
Cob
Min
5
0
2
0
6
-
-
-
1
20
-
-
Typ.
-
-
-
-
-
0.25
-
15
0
30
Max
-
-
-
0.5
0.5
1
-
-
Unit.
V
V
V
µA
µA
V
MHz
pF
Test Conditions
IC=1mA, IB=0
IE=50µA, IC=0
VCB=40V, IE=0
VEB=5V, IC=0
V
CE
=2V, IC=500mA
I
C
=4A, IB=100mA
VCE=6V, IC=50mA, f=100MHz
VCB=20V, IE=0, f=1MHz
01-Jun-2002 Rev. A
Page 1 of 3
0. 51 0. 10
0. 51 0. 05
0 0. 10
2. 30 0. 10
6. 50 0. 15
5. 30 0. 10
0. 60 0. 10
0. 80 0. 10
2. 30 0. 10
2. 30 0. 10
1. 20
9
0. 51
0
5
5
5
B
C
E
C
D-Pack
O
C
Low Collector-to-Emitter Voltage (Typ. 0.25 V)
•
Excellent DC Current Gain Characteristics
•
-55~+150
390
CLASSIFICATION OF hFE
Range
Rank
180-390
Q
120-270
R


Similar Part No. - 2SD2118

ManufacturerPart #DatasheetDescription
logo
Rohm
2SD2118 ROHM-2SD2118 Datasheet
159Kb / 4P
Low VCE(sat) Transistor(Strobe flash)
2SD2118 ROHM-2SD2118 Datasheet
109Kb / 5P
Low VCE(sat) transistor (strobe flash)
logo
TRANSYS Electronics Lim...
2SD2118 TEL-2SD2118 Datasheet
106Kb / 2P
Plastic-Encapsulated Transistors
logo
Guangdong Kexin Industr...
2SD2118 KEXIN-2SD2118 Datasheet
40Kb / 1P
Low VCE(sat) Transistor
logo
Rohm
2SD2118 ROHM-2SD2118 Datasheet
185Kb / 4P
Low VCE(sat) transistor (strobe flash)
More results

Similar Description - 2SD2118

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
BC847A ZOWIE-BC847A Datasheet
79Kb / 4P
GENERAL PURPOSE TRANSISTOR NPN SILICON
BC849B ZOWIE-BC849B Datasheet
78Kb / 4P
GENERAL PURPOSE TRANSISTOR NPN SILICON
MMBT3906 ZOWIE-MMBT3906 Datasheet
107Kb / 5P
GENERAL PURPOSE TRANSISTOR NPN SILICON
logo
Weitron Technology
MMBT3904W WEITRON-MMBT3904W Datasheet
368Kb / 7P
General Purpose Transistor NPN Silicon
logo
SeCoS Halbleitertechnol...
2SC1213 SECOS-2SC1213 Datasheet
77Kb / 2P
NPN Silicon General Purpose Transistor
2SC2235 SECOS-2SC2235 Datasheet
181Kb / 2P
NPN Silicon General Purpose Transistor
2SC2412 SECOS-2SC2412 Datasheet
331Kb / 3P
NPN Silicon General Purpose Transistor
logo
SEMTECH ELECTRONICS LTD...
MMBT4401 SEMTECH_ELEC-MMBT4401 Datasheet
185Kb / 2P
NPN Silicon General Purpose Transistor
logo
Zowie Technology Corpor...
MMBT2222AGH ZOWIE-MMBT2222AGH Datasheet
84Kb / 5P
General Purpose Transistor NPN Silicon
logo
SeCoS Halbleitertechnol...
2SC4618 SECOS-2SC4618_11 Datasheet
456Kb / 2P
NPN Silicon General Purpose Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com