Electronic Components Datasheet Search
  English  ▼

X  

2SD2150 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # 2SD2150
Description  NPN Plastic-Encapsulate Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2SD2150 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  2SD2150 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2SD2150 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Elektronische Bauelemente
Any changing of specification will not be informed individual
http://www.SeCoSGmbH.com
01-Jun-2002 Rev. A
Page 2 of 2
Characteristics Curve
2SD2150
NPN
Plastic-Encapsulate Transistor
BASE TO EMITTER VOLTAGE : VBE
(V)
Fig.1
Grounded emitter propagation
characteristics
1m
2m
5m
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
VCE
=2V
25
°C
−40°C
Ta
=100°C
0
0.4
0.8
1.2
1.6
2
0
0.2
0.4
0.6
0.8
1.0
COLLECTOR TO EMITTER VOLTAGE : VCE
(V)
Fig.2
Grounded emitter output
characteristics ( )
8mA
6mA
4mA
2mA
20mA
18mA
16mA
14mA
12mA
10mA
Ta
=25°C
IB
=0A
0
1
2
3
4
5
012345
COLLECTOR TO EMITTER VOLTAGE : VCE
(V)
Fig.3
Grounded emitter output
characteristics ( )
Ta
=25°C
IB
=0A
35mA
30mA
25mA
20mA
15mA
10mA
5mA
40mA
45mA
50mA
1m
5
10
20
50
100
200
500
1000
2000
5000
2m 5m 0.010.02 0.05 0.10.2 0.5 1
2
5 10
VCE
=2V
25
°C
−40°C
Ta
=100°C
COLLECTOR CURRENT : IC
(A)
Fig.4
DC current gain vs.
collector current
COLLECTOR CURRENT : IC
(A)
Fig.6
Collector-emitter
saturation voltage vs.
collector curren ( )
1m
2m
5m
0.01
0.01
1m 2m 5m
0.02 0.05
0.02
0.05
0.5
0.2
0.1
0.1
1
0.2
10
25
0.5
1
lC/lB
=20
25
°C
−40°C
Ta
=100°C
2
2m
5m
10m
20m
50m
0.1
0.2
0.5
1
2m 5m10m20m50m0.1 0.2 0.5 1 2
5 10
1m
COLLECTOR CURRENT : IC
(A)
Fig.5
Collector-emitter
saturation voltage vs.
collector current ( )
IC/IB
=10
Ta
=100°C
25
°C
−40°C
10
20
50
100
200
500
1000
0.1 0.2
0.5
1
2
5
10
20
50
COLLECTOR TO BASE VOLTAGE : VCB
(V)
EMITTER TO BASE VOLTAGE : VEB
(V)
Fig.9
Collector output capacitance vs.
collector-base voltage
Emitter input capacitance vs.
emitter-base voltage
Cob
Cob
Ta
=25°C
f
=1MHz
IE
=0A
IC
=0A
2
2m
5m
10m
20m
50m
0.1
0.2
0.5
1
COLLECTOR CURRENT : IC
(A)
Fig.7
Collector-emitter
saturation voltage vs.
collector current (
)
2m 5m10m20m50m
0.2 0.5 1 2
5 10
1m
0.1
IC/IB
=20
Ta
=100°C
25
°C
−40°C
−5
−2
−1
−10 −20 −50−100 −200−500−1000
EMITTER CURRENT : IE
(mA)
Fig.8
Gain bandwidth product vs.
emitter current
1000
500
200
100
50
20
10
5
2
1
Ta=25
°C
VCE=2V



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com