Electronic Components Datasheet Search
  English  ▼

X  

A44 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # A44
Description  NPN Silicon Plastic-Encapsulate Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

A44 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  A44 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH A44 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH A44 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Any changing of specification will not be informed individual
A44
NPN Silicon
Plastic-Encapsulate Transistor
http://www.SeCoSGmbH.com
Elektronische Bauelemente
1 2
TO-92
1. EMITTER
2. BASS
.
COLLECTOR
1
2
3
3
2
1
3
3
FEATURES
*
High voltage
MAXIMUM RATINGS* TA=25
unless otherwise noted
℃
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
400
V
VCEO
Collector-Emitter Voltage
400
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current -Continuous
0.2
A
PC
Collector Dissipation
0.625
W
TJ, Tstg
Junction and Storage Temperature
-55 to +150
℃
ELECTRICAL
CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
Ic= 100µA , IE=0
400
V
Collector-emitter breakdown voltage
V(BR)CEO
IC= 1
mA ,
IB=0
400
V
Emitter-base breakdown voltage
V(BR)EBO
IE=100µA,
IC=0
5
V
Collector cut-off current
ICBO
VCB=400 V, IE=0
0.1
µA
Collector cut-off current
ICEO
VCE=400 V
5
µA
Emitter cut-off current
IEBO
VEB= 4V, IC=0
0.1
µA
HFE (1)
VCE=10V , IC=10 mA
80
300
HFE(2)
VCE=10V, IC=1mA
70
HFE(3)
VCE=10V, IC=100 mA
60
DC current gain
HFE(4)
VCE=10V, IC=50 mA
80
VCE(sat)
IC=10 mA, IB=1mA
0.2
V
Collector-emitter saturation voltage
VCE(sat)
IC=50 mA, IB=5mA
0.3
V
Base-emitter sataration voltage
VBE(sat)
IC=10 mA, IB= 1 mA
0.75
V
Transition
frequency
f T
VCE=20V, IC=10mA
f =30MHz
50
MHz
CLASSIFICATION OF hFE(1)
Rank
A
B1
B2
C
Range
80-100
100-150
150-200
200-300
* High Reliability
01-Jun-2002 Rev. A
Page 1 of 3
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - A44

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
A44 JIANGSU-A44 Datasheet
294Kb / 3P
TRANSISTOR竊?NPN 竊
logo
Daya Electric Group Co....
A44 DAYA-A44 Datasheet
264Kb / 2P
TO-92 Plastic-Encapsulate Transistors
logo
Shenzhen Jin Yu Semicon...
A44 HTSEMI-A44 Datasheet
178Kb / 1P
TRANSISTOR (NPN)
logo
Micrel Semiconductor
A44 MICREL-A44 Datasheet
941Kb / 14P
Flexible Ultra-Low Jitter Clock Synthesizer
logo
Nanjing International G...
A44 DGNJDZ-A44 Datasheet
304Kb / 1P
Low Collector-Emitter Saturation Voltage
More results

Similar Description - A44

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2SC3052 SECOS-2SC3052 Datasheet
352Kb / 3P
NPN Silicon Plastic-Encapsulate Transistor
logo
Micro Commercial Compon...
2SD669 MCC-2SD669 Datasheet
280Kb / 2P
NPN Silicon Plastic-Encapsulate Transistor
MS8050-L MCC-MS8050-L Datasheet
224Kb / 3P
NPN Silicon Plastic-Encapsulate Transistor
MMS9014-L MCC-MMS9014-L Datasheet
189Kb / 2P
NPN Silicon Plastic-Encapsulate Transistor
MJE3055 MCC-MJE3055 Datasheet
246Kb / 3P
NPN Silicon Plastic-Encapsulate Transistor
MJE13001 MCC-MJE13001 Datasheet
247Kb / 3P
NPN Silicon Plastic-Encapsulate Transistor
MJE13002 MCC-MJE13002 Datasheet
257Kb / 2P
NPN Silicon Plastic-Encapsulate Transistor
MJE13002B MCC-MJE13002B Datasheet
182Kb / 2P
NPN Silicon Plastic-Encapsulate Transistor
MJE13002B MCC-MJE13002B_13 Datasheet
236Kb / 2P
NPN Silicon Plastic-Encapsulate Transistor
MJE13003B MCC-MJE13003B_13 Datasheet
264Kb / 2P
NPN Silicon Plastic-Encapsulate Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com