Electronic Components Datasheet Search
  English  ▼

X  

BAS21H Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # BAS21H
Description  Surface Mount Switching Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BAS21H Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  BAS21H Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BAS21H Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
BAS21H
Surface Mount Switching Diode
01-Jun-2005 Rev. B
Page 1 of 2
SOD-323
Cathode Band
G
E
A
J
F
D
H
C
B
1
2
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Fast Switching Speed
Surface Mount Package Ideally Suited for automatic Insertion
For General Purpose Switching Applications
MARKING: T3
ABSOLUTE MAXIMUM RATINGS (Single diode @ TA = 25°C)
Parameter
Symbol
Ratings
Unit
Continuous Reverse Voltage
VR
250
V
Peak Forward Current
IF
200
mA
Peak Forward Surge Current
IFM(Surge)
625
mA
THERMAL CHARACTERISTICS
Parameter
Symbol
Maximum Ratings
Unit
Total Device Dissipation FR–5 Board
(1)
TA = 25°C
Derate above 25°C
PD
225
1.8
mW
mW / °C
Thermal Resistance Junction to Ambient
R
θJA
556
°C / W
Total Device DissipationAlumina Substrate,
(2)
TA = 25°C
Derate above 25°C
PD
300
2.4
mW
mW / °C
Thermal Resistance Junction to Ambient
RθJA
417
°C / W
Junction, Storage Temperature
TJ, TSTG
-55 ~ +150
°C
ELECTRICAL CHARACTERISTICS (at Ta = 25°C unless otherwise specified)
Parameters
Symbol
Min.
Max.
Unit
Test Conditions
Off Characteristics
Reverse Voltage Leakage Current
IR
-
-
1.0
100
μA
VR = 200 Vdc
VR = 200 Vdc, TJ = 150°C
Reverse Breakdown Voltage
V(BR)
250
-
Vdc
IBR = 100 μAdc
VF1
-
1000
IF = 100 mA
Forward Voltage
VF2
-
1250
mV
IF = 200 mA
Diode Capacitance
CD
-
5.0
pF
VR = 0, f = 1MHz
Reverse Recovery Time
tRR
-
50
nS
IF = IR = 30 mA, RL=100Ω
1.
FR - 5 = 1.0 x 0.75 x 0.062 in.
2.
Alumina = 0.4 x 0.3 x 0.024 in. 99.5% alumina.
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
1.05 REF.
E
0.080
0.180
B
0.20 REF.
F
1.15
1.45
C
0.80
1.00
G
1.60
1.80
D
0.25
0.40
H
2.30
2.70


Similar Part No. - BAS21H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS21H PHILIPS-BAS21H Datasheet
52Kb / 9P
Single high-voltage switching diode in small SOD123F package
Rev. 01-11 April 2005
logo
Weitron Technology
BAS21H WEITRON-BAS21H Datasheet
327Kb / 3P
Surface Mount Switching Diode
logo
NXP Semiconductors
BAS21H NXP-BAS21H Datasheet
64Kb / 10P
Single high-voltage switching diode
Rev. 02 - 3 November
logo
Shenzhen Luguang Electr...
BAS21H LUGUANG-BAS21H Datasheet
217Kb / 2P
High Voltage Switching Diodes
logo
WILLAS ELECTRONIC CORP
BAS21H WILLAS-BAS21H Datasheet
315Kb / 3P
200mA Surface Mount Switching Diode-250V
More results

Similar Description - BAS21H

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
BAL99 TRSYS-BAL99 Datasheet
146Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Zowie Technology Corpor...
MMDL6050T1 ZOWIE-MMDL6050T1 Datasheet
47Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Diodes Incorporated
BAL99 DIODES-BAL99 Datasheet
151Kb / 3P
SURFACE MOUNT SWITCHING DIODE
DS12009 Rev. 12 - 2
logo
GTM CORPORATION
GD511 GTM-GD511 Datasheet
230Kb / 2P
SURFACE MOUNT,SWITCHING DIODE
GDMBD2004 GTM-GDMBD2004 Datasheet
221Kb / 2P
SURFACE MOUNT,SWITCHING DIODE
GSBAS16 GTM-GSBAS16 Datasheet
119Kb / 2P
SURFACE MOUNT, SWITCHING DIODE
logo
Taiwan Semiconductor Co...
BAL99 TSC-BAL99 Datasheet
46Kb / 2P
Surface Mount Switching Diode
MMBD4148 TSC-MMBD4148 Datasheet
53Kb / 2P
Surface Mount Switching Diode
MMBD4448H TSC-MMBD4448H Datasheet
44Kb / 2P
Surface Mount Switching Diode
BAV23S TSC-BAV23S Datasheet
46Kb / 2P
Surface Mount Switching Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com