Electronic Components Datasheet Search
  English  ▼

X  

BAT42W Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # BAT42W
Description  0.2 AMP Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BAT42W Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  BAT42W Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BAT42W Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Elektronische Bauelemente
BAT42W/BAT43W
VOLTAGE 30V
0.2AMP Schottky Barrier Rectifiers
Ratings and Characteristic Curves (TA = 25°C unless otherwise noted)
0.01
1
0.1
10
100
1000
200
600
800
1000
1200
400
0
VF -- Instantaneous Forward Voltage (mV)
0
100
150
200
250
050
25
75
100
125
150
175
200
TA -- Ambient Temperature (
°C)
50
--40
°C
VR -- Reverse Voltage (V)
25
°C
125
°C
0.01
1
10
100
1000
010
20
30
40
50
0.1
Fig. 2 – Typical Reverse Characteristics
Fig. 1 – Admissible Power Dissipation
vs. Ambient Temperature
25
°C
50
°C
75
°C
100
°C
125
°C
0
020
10
30
40
50
60
VR -- Reverse Voltage (V)
2
4
6
8
10
12
14
16
18
Fig. 4 – Typical Capacitance
vs. Reverse Applied Voltage
Fig. 3 – Typical Reverse
Characteristics
01-Jun-2002 Rev. A
Page 2 of 2
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com