Electronic Components Datasheet Search
  English  ▼

X  

A233R Datasheet(PDF) 1 Page - MicroPower Direct, LLC

Part # A233R
Description  Compact, Regulated, 2W Single & Dual Output DC/DC Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

A233R Datasheet(HTML) 1 Page - MicroPower Direct, LLC

  A233R Datasheet HTML 1Page - MicroPower Direct, LLC A233R Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Key Features:
● 2W Output Power
● Compact DIP Case
● 500 VDC Isolation
● Tight Line/Load Regulation
● Single & Dual Outputs
● 20 Standard Models
● 1.0 MH MTBF
● Industry Standard Pin-Out
MicroPower Direct
232 Tosca Drive
Stoughton, MA 02072
USA
T: (781) 344-8226
F: (781) 344-8481
E: sales@micropowerdirect.com
W: www.micropowerdirect.com
A200R
Compact, Regulated, 2W
Compact, Regulated, 2W
Single & Dual Output
Single & Dual Output
DC/DC Converters
DC/DC Converters
Series
Input
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Range
5 VDC Input
4.5
5.0
5.5
VDC
12 VDC Input
10.8
12.0
13.2
24 VDC Input
21.6
24.0
26.4
48 VDC Input
43.2
48.0
52.8
Input Filter
π (Pi) Filter
Reverse Polarity Input Current
0.5
A
Short Circuit Input Power
2,000
mW
Output
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage Accuracy
±2.0
±4.0
%
Output Voltage Balance
Dual Output , Balanced Loads
±1.0
±3.0
%
Line Regulation
Vin = Min to Max
±0.2
±0.3
%
Load Regulation
Iout = 10% to 100%
±0.2
±0.5
%
Ripple & Noise (20 MHz) (Note 1)
40
50
mV P - P
Ripple & Noise (20 MHz)
Over Line, Load & Temp.
75
mV P - P
Ripple & Noise (20 MHz)
5
mV rms
Output Power Protection
120
%
Transient Recovery Time (Note 2)
50% Load Step Change
50
μSec
Transient Response Deviation
±6.0
%
Temperature Coefficient
±0.01
±0.02
%/ºC
Output Short Circuit
Continuous
General
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation Voltage
60 Seconds
500
VDC
Isolation Resistance
500 VDC
1,000
MΩ
Isolation Capacitance
100 kHz, 1V
100
150
pF
Switching Frequency
40
80
kHz
Environmental
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating Temperature Range
-25
+71
ºC
-25
+90
ºC
Storage Temperature Range
-40
+125
ºC
Cooling
Free Air Convection
Humidity
RH, Non-condensing
95
%
Physical
Case Size
1.25 x 0.80 x 0.40 Inches (31.8 x 20.3 x 10.2 mm)
Case Material
Non-Conductive Black Plastic (UL94-V0)
Weight
0.42 Oz (12g)
Reliability Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
MTBF
MIL HDBK 217F, 25ºC, Gnd Benign
800
kHours
Absolute Maximum Ratings
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Surge (1 Sec)
5 VDC Input
-0.7
7.5
VDC
12 VDC Input
-0.7
15.0
24 VDC Input
-0.7
30.0
48 VDC Input
-0.7
55.0
Lead Temperature
1.5 mm From Case For 10 Sec.
260
ºC
Internal Power Dissipation
All Models
3,000
mW
Caution: Exceeding Absolute Maximum Ratings may damage the module. These are not continuous operating ratings.
Electrical Specifications
Specifications typical @ +25°C, nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.


Similar Part No. - A233R

ManufacturerPart #DatasheetDescription
logo
Energizer
A23 ENERGIZER-A23 Datasheet
127Kb / 1P
A23
logo
List of Unclassifed Man...
A23 ETC2-A23 Datasheet
213Kb / 7P
Process Sealed Subminiature Toggles
A23 ETC2-A23 Datasheet
1Mb / 35P
NEON with SIMD and VFPv4 support
logo
Nihon Kaiheiki Industry...
A23 NKK-A23 Datasheet
259Kb / 7P
Process Sealed Subminiature Toggles
2-06
logo
Tripp Lite. All Rights ...
A230-001-KP TRIPPLITE-A230-001-KP Datasheet
163Kb / 2P
BNC All-in-One Keystone/Panel Mount Coupler (F/F), 75 Ohms
More results

Similar Description - A233R

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
A300R MPD-A300R Datasheet
93Kb / 2P
Compact, Regulated, 3W Single & Dual Output DC/DC Converters
G200 MPD-G200 Datasheet
75Kb / 2P
Compact MiniDIP, 2W Single & Dual Output DC/DC Converters
logo
SL Power Electronics
DC1-2_DD SLPOWER-DC1-2_DD Datasheet
340Kb / 3P
2W SINGLE AND DUAL OUTPUT DC-DC CONVERTERS
logo
Microdc power Technolog...
2E-XS MICRODC-2E-XS Datasheet
651Kb / 4P
Isolated 2W Dual&Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TPB-2W TOPPOWER-TPB-2W Datasheet
154Kb / 2P
2W 3KVDC Isolation Regulated Single Output DC/DC Converters
TPH-2W TOPPOWER-TPH-2W Datasheet
208Kb / 4P
2W Isolated Single & Dual Output DC/DC Converters
TPB TOPPOWER-TPB Datasheet
648Kb / 2P
2W 3KVDC Isolation Regulated Single Output DC/DC Converters
TPB TOPPOWER-TPB_19 Datasheet
667Kb / 2P
2W 3KVDC Isolation Regulated Single Output DC/DC Converters
TPI-2W TOPPOWER-TPI-2W Datasheet
800Kb / 3P
2W 3KVDC Isolated & Regulated Single and Dual Output DC/DC Converters
TPB TOPPOWER-TPB_V01 Datasheet
704Kb / 2P
2W 3KVDC Isolation Regulated Single Output DC/DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com