Electronic Components Datasheet Search
  English  ▼

X  

BAV23S Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # BAV23S
Description  Plastic Encapsulated Schottky Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BAV23S Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  BAV23S Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BAV23S Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
BAV23 Series
BAV23A / BAV23C / BAV23S
Plastic Encapsulated Schottky Diode
01-June-2007 Rev. B
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
Top View
A
L
C B
D
G
H
J
F
K
E
1
2
3
1
2
3
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Fast Switching Speed
For General Purpose Switching Applications
High Conductance
BAV23A, Marking: KT7
BAV23C, Marking: KT6
BAV23S, Marking: KL31
ABSOLUTE MAXIMUM RATINGS (at Ta = 25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Peak Repetitive Peak Reverse Voltage
VRRM
250
V
Working Peak Reverse Voltage
DC Blocking Voltage
VRWM
VR
200
V
Forward Continuous Current
IFM
400
mA
Non-Repetitive Peak Forward Surge Current
@ t = 1.0 µs
@ t = 100 µs
@ t = 10 ms
IFSM
9.0
3.0
1.7
A
Power Dissipation
PD
350
mW
Thermal Resistance Junction to Ambient Air
RθJA
357
°C / W
Operating Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-65 ~ +150
°C
ELECTRICAL CHARACTERISTICS (at Ta = 25°C unless otherwise specified)
Parameters
Symbol
Min.
Max.
Unit
Test Conditions
Reverse Breakdown Voltage
V(BR)
250
-
V
IR= 100 μA
Reverse Voltage Leakage Current
IR
-
0.1
μA
VR = 250 V
Forward Voltage
VF
-
1
1.25
V
IF = 100 mA
IF = 200 mA
Total Capacitance
CT
-
5
pF
VR = 0, f = MHz
Reverse Recovery Time
tRR
-
50
nS
IF = IR = 30 mA,
Irr = 0.1 x IR, RL = 100 Ω
SOT-23
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
2.80
3.04
G
0.09
0.18
B
2.10
2.55
H
0.45
0.60
C
1.20
1.40
J
0.08
0.177
D
0.89
1.15
K
0.6 REF.
E
1.80
2.00
L
0.89
1.02
F
0.30
0.50


Similar Part No. - BAV23S

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAV23S PHILIPS-BAV23S Datasheet
52Kb / 8P
General purpose double diode
1999 May 05
logo
Transys Electronics
BAV23S TRSYS-BAV23S Datasheet
144Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Fairchild Semiconductor
BAV23S FAIRCHILD-BAV23S Datasheet
40Kb / 5P
HIGH VOLTAGE GENERAL PURPOSE DIODE
logo
Diodes Incorporated
BAV23S DIODES-BAV23S Datasheet
172Kb / 2P
SURFACE MOUNT SWITCHING DIODE
DS30042 Rev. 7 - 2
BAV23S DIODES-BAV23S Datasheet
84Kb / 3P
SURFACE MOUNT SWITCHING DIODE
DS30042 Rev. 11 - 2
More results

Similar Description - BAV23S

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
1SS370 TEL-1SS370 Datasheet
61Kb / 1P
Plastic-Encapsulated Diode
BAS19W TEL-BAS19W Datasheet
62Kb / 1P
Plastic-Encapsulated Diode
BAW56DW TEL-BAW56DW Datasheet
117Kb / 2P
Plastic-Encapsulated Diode
BZX84C2V4W TEL-BZX84C2V4W Datasheet
104Kb / 1P
Plastic-Encapsulated DIODE
MMBD4148W TEL-MMBD4148W Datasheet
60Kb / 1P
Plastic-Encapsulated Diode
logo
SeCoS Halbleitertechnol...
SD103AX SECOS-SD103AX Datasheet
261Kb / 2P
Schottky Plastic-Encapsulated Diode
SD103AX SECOS-SD103AX_12 Datasheet
167Kb / 2P
40V , 0.35A Schottky Plastic-Encapsulated Diode
BAV23 SECOS-BAV23_15 Datasheet
399Kb / 2P
Plastic Encapsulated Schottky Diode
MMBD4148T SECOS-MMBD4148T_15 Datasheet
241Kb / 2P
Plastic-Encapsulated Diode
SD103AX SECOS-SD103AX_15 Datasheet
178Kb / 2P
Schottky Plastic-Encapsulated Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com