Electronic Components Datasheet Search
  English  ▼

X  

EDR515BFJS Datasheet(PDF) 7 Page - JDS Uniphase Corporation

Part # EDR515BFJS
Description  Access PIN-TIA Receivers for 155 Mb/s and 622 Mb/s
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

EDR515BFJS Datasheet(HTML) 7 Page - JDS Uniphase Corporation

  EDR515BFJS Datasheet HTML 1Page - JDS Uniphase Corporation EDR515BFJS Datasheet HTML 2Page - JDS Uniphase Corporation EDR515BFJS Datasheet HTML 3Page - JDS Uniphase Corporation EDR515BFJS Datasheet HTML 4Page - JDS Uniphase Corporation EDR515BFJS Datasheet HTML 5Page - JDS Uniphase Corporation EDR515BFJS Datasheet HTML 6Page - JDS Uniphase Corporation EDR515BFJS Datasheet HTML 7Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
NORTH AMERICA
: 800 498-JDSU (5378)
WEBSITE
: www.jdsu.com
WORLDWIDE
: +800 5378-JDSU
All statements, technical information and recommendations related to the products herein are based upon information believed to be
reliable or accurate. However, the accuracy or completeness thereof is not guaranteed, and no responsibility is assumed for any
inaccuracies. The user assumes all risks and liability whatsoever in connection with the use of a product or its application. JDSU reserves
the right to change at any time without notice the design, specifications, function, fit or form of its products described herein, including
withdrawal at any time of a product offered for sale herein. JDSU makes no representations that the products
herein are free from any intellectual property claims of others. Please contact JDSU for more information. JDSU and the JDSU logo are
trademarks of JDS Uniphase Corporation. Other trademarks are the property of their respective holders. ©2006 JDS Uniphase
Corporation. All rights reserved. 30137554 Rev. 001 06/06 EDR51XX.DS.CC.AE
Ordering Information
For more information on this or other products and their availability, please contact your local JDSU account manager or
JDSU directly at 1-800-498-JDSU (5378) in North America and +800-5378-JDSU worldwide or via e-mail at
customer.service@jdsu.com.
Sample: EDR 512C FJS LC
ACCESS PIN-TIA RECEIVERS FOR 155 MB/S AND 622 MB/S
Precautions for Use
ESD protection is imperative. Use of grounding straps, anti-static mats, and other standard ESD protective equipment is
required when handling or testing an InGaAs PIN or any other junction photodiode. Fiber pigtails should be handled with
less than 10 N pull and with bending radius greater than 1 inch. Soldering temperature of the leads should not exceed 260 °C
for more than 10 seconds.
Code
Connector (FJS only)
LC
LC connector
FC/SPC
FC/SPC connector
SC/SPCSC/SPC connector
Code
Bracket (FJS only)
0
No bracket
MB14
MB-14 bracket
Code
Package
TL
Transistor ouline with lensed cap
FJSSingle mode (900 µm) fiber jacket
RLC
LC receptacle
RFC2FC receptacle with 2-hole flange
RSC-DM
SC receptacle, dual-mount (panel & board)
RSC-FM
SC receptacle, front-mount (panel only)
Code
Speed
2
155 Mb/s
5
622 Mb/s
Code
PIN-TIA
B
Single-ended output with case connected to ground
C
Access to photodiode current with case
connected to ground
DWith differential output voltage
EDR 51
+
+
+



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com