Electronic Components Datasheet Search
  English  ▼

X  

EDR512DRSC-DM Datasheet(PDF) 6 Page - JDS Uniphase Corporation

Part # EDR512DRSC-DM
Description  Access PIN-TIA Receivers for 155 Mb/s and 622 Mb/s
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

EDR512DRSC-DM Datasheet(HTML) 6 Page - JDS Uniphase Corporation

  EDR512DRSC-DM Datasheet HTML 1Page - JDS Uniphase Corporation EDR512DRSC-DM Datasheet HTML 2Page - JDS Uniphase Corporation EDR512DRSC-DM Datasheet HTML 3Page - JDS Uniphase Corporation EDR512DRSC-DM Datasheet HTML 4Page - JDS Uniphase Corporation EDR512DRSC-DM Datasheet HTML 5Page - JDS Uniphase Corporation EDR512DRSC-DM Datasheet HTML 6Page - JDS Uniphase Corporation EDR512DRSC-DM Datasheet HTML 7Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
ACCESS PIN-TIA RECEIVERS FOR 155 MB/S AND 622 MB/S
EDR 512x DC Electrical Characteristics and Maximum Ratings
Parameter
Minimum
Typical
Maximum
Supply voltage (VCC)
4.5 V
5.0 V
5.5 V
Output offset voltage
2.9 V
3.2 V
3.5 V
Diff. output offset voltage1
-
80 mV
-
Supply current (ICC)
-
25 mA
50 mA
Dark current2
-
-
1 nA
Optical input power
-
-
5.0 mW
Operating temperature
-40 °C
-
85 °C
Storage temperature
-40 °C
-
85 °C
Photodiode voltage (Vpd)2
2 V
-
25 V
1. Applies to EDR 512D only.
2. Applies to EDR 512C only.
EDR 515x DC Electrical Characteristics and Maximum Ratings
Parameter
Minimum
Typical
Maximum
Supply voltage (VCC)
3.0 V
3.3/5.0 V
5.25 V
Output offset voltage
-
2.0/3.7 V
-
Diff. output offset voltage1
-
7.0 mV
-
Supply current (ICC)
12 mA
25/35 mA
50 mA
Dark current2
-
-
1.0 nA
Optical input power
-
-
5.0 mW
Operating temperature
-40 °C
-
85 °C
Storage temperature
-40 °C
-
85 °C
Photodiode voltage (Vpd)2
2 V
-
25 V
1. Applies to EDR 515D only.
2. Applies to EDR 515C only.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com