Electronic Components Datasheet Search
  English  ▼

X  

EDR515DRSC-DM Datasheet(PDF) 1 Page - JDS Uniphase Corporation

Part # EDR515DRSC-DM
Description  Access PIN-TIA Receivers for 155 Mb/s and 622 Mb/s
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

EDR515DRSC-DM Datasheet(HTML) 1 Page - JDS Uniphase Corporation

  EDR515DRSC-DM Datasheet HTML 1Page - JDS Uniphase Corporation EDR515DRSC-DM Datasheet HTML 2Page - JDS Uniphase Corporation EDR515DRSC-DM Datasheet HTML 3Page - JDS Uniphase Corporation EDR515DRSC-DM Datasheet HTML 4Page - JDS Uniphase Corporation EDR515DRSC-DM Datasheet HTML 5Page - JDS Uniphase Corporation EDR515DRSC-DM Datasheet HTML 6Page - JDS Uniphase Corporation EDR515DRSC-DM Datasheet HTML 7Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
COMMUNICATIONS COMPONENTS
Key Features
• Electro-optical
- InGaAs PIN photodiode with silicon transimpedance amplifier
- Operate on single supply
EDR 512x (5 V)
EDR 515x (3.3 V or 5 V)
- Three standard pin-out configurations
EDR 51xB - single-ended output
EDR 51xC - single-ended output with photodiode access
EDR 51xD - differential output
- Cost effective in receiver designs where sensitivity is
limited by the post-amplifier
- Shielded pre-amplifier makes it immune to crosstalk
with transmitter or to other EMI
- -40 to +85°C operating range
• Packaging
- Integrated 4-pin coaxial package
- Connector receptacle (panel or PCB mount) and fiber
pigtailed versions
- Case grounded versions
The EDR 51xx Series incorporates a 75 µm InGaAs PIN photodetector coupled
with a low cost BiCMOS transimpedance amplifier (TIA) designed to operate at
155 Mb/s (EDR 512x) or 622 Mb/s (EDR 515x). The PIN transduces optical
power into current with high efficiency. The TIA converts the current signal into
a voltage signal with a very low input noise current contribution. The EDR 512x
TIA also integrates an automatic gain control (AGC) circuit which decreases the
light to voltage conversion factor when the average incident optical power is
relatively high.
The EDR 51xx Series are assembled in rugged coaxial packages. They are available
with a connector receptacle or as a single mode fiber pigtail. Standard choices for
connector receptacles are LC, SC and FC. In addition, the EDR 51xx Series are
available in several standard pin-out configurations. The EDR 51xB is the simplest
configuration and provides a single ended output. The EDR 51xC provides access
to the photodiode current for those customers who need to design an alarm
circuit. The EDR 51xD provides a differential output for higher gain performance
without sacrifice to sensitivity and bandwidth.
Applications
• Single mode 155 Mb/s (EDR 512x) and
622 Mb/s (EDR 515x) ATM receivers
• Campus network backbone
- Add/drop multiplexers
- Digital loop carriers
- Digital crossconnects
- Optical networking
• Enterprise network backbone
Access PIN-TIA Receivers for 155 Mb/s and 622 Mb/s
EDR 51xx Series
NORTH AMERICA
: 800 498-JDSU (5378)
WEBSITE
: www.jdsu.com
WORLDWIDE
: +800 5378-JDSU


Similar Part No. - EDR515DRSC-DM

ManufacturerPart #DatasheetDescription
logo
Highly Electric Co., Lt...
EDR-1-1-20 HIGHLY-EDR-1-1-20 Datasheet
1Mb / 6P
EDR SERIES SAFETY LIMIT SWITCHES WITH RESET
logo
Mean Well Enterprises C...
EDR-120 MEANWELL-EDR-120 Datasheet
574Kb / 4P
UNIVERSAL AC INPUT/FULL RANGE
logo
Total Power Internation...
EDR-120 TOTAL-POWER-EDR-120 Datasheet
207Kb / 4P
120W Single Output Industrial DIN RAIL
logo
Mean Well Enterprises C...
EDR-120-12 MEANWELL-EDR-120-12 Datasheet
574Kb / 4P
UNIVERSAL AC INPUT/FULL RANGE
EDR-120-24 MEANWELL-EDR-120-24 Datasheet
574Kb / 4P
UNIVERSAL AC INPUT/FULL RANGE
More results

Similar Description - EDR515DRSC-DM

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQ8101C TRIQUINT-TQ8101C Datasheet
227Kb / 14P
622/155 Mb/s SONET/SDH MDFP
logo
California Eastern Labs
NR8500 CEL-NR8500 Datasheet
206Kb / 5P
NECs 050 um InGaAs APD IN COAXIAL PACKAGE FOR 155 Mb/s AND 622 Mb/s APPLICATIONS
NX7312UA CEL-NX7312UA Datasheet
187Kb / 4P
NECs 1310 nm InGaAsP MQW FP TOSA FOR SHORT HAUL 155 Mb/s and 622 Mb/s APPLICATIONS
NX6301 CEL-NX6301 Datasheet
96Kb / 4P
1310 nm InGaAsP MQW DFB LASER DIODE IN CAN PACKAGE FOR 155 Mb/s AND 622 Mb/s APPLICATIONS
NX6306 CEL-NX6306 Datasheet
388Kb / 5P
1310 nm InGaAsP MQW DFB LASER DIODE IN CAN PACKAGE FOR 155 Mb/s and 622 Mb/s APPLICATIONS
NX7301BA CEL-NX7301BA Datasheet
101Kb / 4P
LASER DIODE IN COAXIAL PACKAGE FOR 155 Mb/s AND 622 Mb/s APPLICATIONS
NR8500BP CEL-NR8500BP Datasheet
212Kb / 5P
NECs ?50 關m InGaAs APD IN COAXIAL PACKAGE FOR 155 Mb/s AND 622 Mb/s APPLICATIONS
NX6511GH CEL-NX6511GH Datasheet
967Kb / 6P
LASER DIODE IN COAXIAL PACKAGE FOR 155 Mb/s AND 622 Mb/s APPLICATIONS
logo
Bothhand USA, LP.
14ST9012P-LF BOTHHAND-14ST9012P-LF Datasheet
157Kb / 2P
Design for 10/100 MB/s TX & ATM 155 MB/s applications
16ST0009P-LF BOTHHAND-16ST0009P-LF Datasheet
158Kb / 2P
Design for 10/100 MB/s TX & ATM 155 MB/s application
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com