Electronic Components Datasheet Search
  English  ▼

X  

SN54GTL16612WD Datasheet(PDF) 6 Page - Texas Instruments

Part # SN54GTL16612WD
Description  18-BIT LVTTL-TO-GTL/GTL UNIVERSAL BUS TRANSCEIVERS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54GTL16612WD Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN54GTL16612WD Datasheet HTML 2Page - Texas Instruments SN54GTL16612WD Datasheet HTML 3Page - Texas Instruments SN54GTL16612WD Datasheet HTML 4Page - Texas Instruments SN54GTL16612WD Datasheet HTML 5Page - Texas Instruments SN54GTL16612WD Datasheet HTML 6Page - Texas Instruments SN54GTL16612WD Datasheet HTML 7Page - Texas Instruments SN54GTL16612WD Datasheet HTML 8Page - Texas Instruments SN54GTL16612WD Datasheet HTML 9Page - Texas Instruments SN54GTL16612WD Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
www.ti.com
Timing Requirements
Switching Characteristics
SN54GTL16612, SN74GTL16612
18-BIT LVTTL-TO-GTL/GTL+ UNIVERSAL BUS TRANSCEIVERS
SCBS480K – JUNE 1994 – REVISED JULY 2005
over recommended ranges of supply voltage and operating free-air temperature,
V
TT = 1.2 V and VREF = 0.8 V for GTL (unless otherwise noted) (see Figure 1)
SN54GTL16612
SN74GTL16612
UNIT
MIN
MAX
MIN
MAX
fclock
Clock frequency
95
95
MHz
LEAB or LEBA high
3.3
3.3
tw
Pulse duration
ns
CLKAB or CLKBA high or low
5.6
5.6
A before CLKAB
↑
1.3
1.3
B before CLKBA
↑
3.4
2.5
A before LEAB
↓
1.2
0
tsu
Setup time
ns
B before LEBA
↓
1
1
CEAB before CLKAB
↑
2.1
2
CEBA before CLKBA
↑
2.6
2.2
A after CLKAB
↑
2.9
1.6
B after CLKBA
↑
4.1
0.3
A after LEAB
↓
4.5
4
th
Hold time
ns
B after LEBA
↓
4.3
3.6
CEAB after CLKAB
↑
2
0.8
CEBA after CLKBA
↑
1.1
1.1
over recommended ranges of supply voltage and operating free-air temperature,
V
TT = 1.2 V and VREF = 0.8 V for GTL (see Figure 1)
SN54GTL16612
SN74GTL16612
FROM
TO
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN TYP(1)
MAX
MIN TYP(1)
MAX
fmax
95
95
MHz
tPLH
1
2.8
4.5
1.5
2.8
4.1
A
B
ns
tPHL
1
2.5
4.5
1.3
2.5
4
tPLH
1
3.6
5.5
2
3.6
5.3
LEAB
B
ns
tPHL
1
3.5
6
1.9
3.5
5.4
tPLH
1
3.7
5.5
2.3
3.7
5.3
CLKAB
B
ns
tPHL
1
3.4
5.5
1.9
3.4
5.4
ten
1
3.3
5.5
2
3.3
5.5
OEAB
B
ns
tdis
1
3.4
5.5
2
3.4
5.1
tr
Transition time, B outputs (0.5 V to 1 V)
1.3
1.3
ns
tf
Transition time, B outputs (1 V to 0.5 V)
0.5
0.5
ns
tPLH
2
4.1
6.9
2.1
4.1
6.3
B
A
ns
tPHL
1
2.9
5.1
1.2
2.9
4.6
tPLH
2
3.7
6.1
2.3
3.7
5.7
LEBA
A
ns
tPHL
1
3
5.1
1.8
3
4.8
tPLH
2
3.8
6.4
2.5
3.8
6.1
CLKBA
A
ns
tPHL
2
3.3
5.6
2.3
3.3
5.2
ten
1
5
7.5
2.3
5
7.4
OEBA
A
ns
tdis
2
4.3
6.9
2.5
4.3
6.4
(1)
All typical values are at VCC (3.3 V) = 3.3 V, VCC (5 V) = 5 V, TA = 25°C.
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com