Electronic Components Datasheet Search
  English  ▼

X  

A222RI Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # A222RI
Description  High Isolation, 2W & 3W Single & Dual Output DC/DC Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

A222RI Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  A222RI Datasheet HTML 1Page - MicroPower Direct, LLC A222RI Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model Selection Guide
Mechanical Dimensions
MicroPower Direct
www.micropowerdirect.com
232 Tosca Drive Stoughton, MA 02072
■
TEL: (781) 344-8226
■
FAX: (781) 344-8481
■
E-Mail: sales@micropowerdirect.com
Mechanical Notes:
• All dimensions are typical in inches (mm)
• Tolerance x.xx = ±0.01 (±0.25)
• Leads are tin plated for improved solderability.
Notes:
1. When measuring output ripple, it is recommended that an external 0.33 μF
ceramic capacitor be placed from the +Vout pin to the -Vout pin for single
output units and from each output to common for dual output units. For noise
sensitive applications, the use of 1.5 μF capacitors will reduce the output
ripple.
2. Transient recovery is measured to within a 1% error band for a load step
change of 50% to 100%.
3. Operation at no-load will not damage these units. However, they may not
meet all specifications.
4. Dual output units may be connected to provide a 24 VDC or 30 VDC output.
To do this, connect the load across the positive (+Vout) and negative (-Vout)
outputs and float the output common.
5. The converter should be connected to a low ac-impedance source. An
input source with a highly inductive impedance may affect the stability of
the converter. In applications where the converter output loading is high
and input power is supplied over long lines, it may be necessary to use a
capacitor on the input to insure start-up.
In this case, it is recommended that a low ESR (ESR <1.0Ω at 100 kHz)
capacitor be mounted close to the converter. For 5V input units a 2.2 μF
is recommended, for 12V input units, a 1.0 μF; and for 24V & 48V units a
0.47 μF.
6. It is recommended that a fuse be used on the input of a power supply for
protection. See the table above for the correct rating.
Pin Connections
Single Output
Dual Output
470 μF Max
±220 μF Max
Capacitive Load
Model
Number
Input
Output
Efficiency
(%, Typ)
Fuse Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Reflected
Ripple
Current
(mA, Typ)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load No-Load
A201RI
5
4.75 - 5.25
666
100
70
5.0
400
0.0
60
1,000
A202RI
5
4.75 - 5.25
628
100
70
12.0
165
0.0
63
1,000
A203RI
5
4.75 - 5.25
633
100
70
15.0
133
0.0
63
1,000
A204RI
5
4.75 - 5.25
642
100
70
±12.0
±83
±0.0
62
1,000
A205RI
5
4.75 - 5.25
639
100
70
±15.0
±66
±0.0
62
1,000
A211RI
12
10.8 - 13.2
277
50
30
5.0
400
0.0
60
750
A212RI
12
10.8 - 13.2
262
50
30
12.0
165
0.0
63
750
A313RI
12
10.8 - 13.2
397
50
30
15.0
200
0.0
63
750
A214RI
12
10.8 - 13.2
268
50
30
±12.0
±83
±0.0
62
750
A315RI
12
10.8 - 13.2
403
50
30
±15.0
±100
±0.0
62
750
A221RI
24
21.6 - 26.4
138
25
15
5.0
400
0.0
60
350
A222RI
24
21.6 - 26.4
131
25
15
12.0
165
0.0
63
350
A323RI
24
21.6 - 26.4
198
25
15
15.0
200
0.0
63
350
A224RI
24
21.6 - 26.4
134
25
15
±12.0
±83
±0.0
62
350
A325RI
24
21.6 - 26.4
202
25
15
±15.0
±100
±0.0
62
350
A231RI
48
43.2 - 52.8
69
15
10
5.0
400
0.0
60
135
A232RI
48
43.2 - 52.8
66
15
10
12.0
165
0.0
63
135
Pin
Single
Dual
1, 2
+Vin
+Vin
10, 11
NC
Common
12
-Vout
NC
13
+Vout
-Vout
14
NC
NC
15
NC
+Vout
23, 24
-Vin
-Vin
NC: No Connection
Derating Curve



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com