Electronic Components Datasheet Search
  English  ▼

X  

SN54HC00 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN54HC00
Description  QUADRUPLE 2-INPUT POSITIVE-NAND GATES
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54HC00 Datasheet(HTML) 1 Page - Texas Instruments

  SN54HC00 Datasheet HTML 1Page - Texas Instruments SN54HC00 Datasheet HTML 2Page - Texas Instruments SN54HC00 Datasheet HTML 3Page - Texas Instruments SN54HC00 Datasheet HTML 4Page - Texas Instruments SN54HC00 Datasheet HTML 5Page - Texas Instruments SN54HC00 Datasheet HTML 6Page - Texas Instruments SN54HC00 Datasheet HTML 7Page - Texas Instruments SN54HC00 Datasheet HTML 8Page - Texas Instruments SN54HC00 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
SN54HC00, SN74HC00
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SCLS181E – DECEMBER 1982 – REVISED AUGUST 2003
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Wide Operating Voltage Range of 2 V to 6 V
D Outputs Can Drive Up To 10 LSTTL Loads
D Low Power Consumption, 20-µA Max ICC
D Typical tpd = 8 ns
D ±4-mA Output Drive at 5 V
D Low Input Current of 1 µA Max
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1B
1Y
2A
2B
2Y
GND
VCC
4B
4A
4Y
3B
3A
3Y
SN54HC00 ...J OR W PACKAGE
SN74HC00 . . . D, DB, N, NS, OR PW PACKAGE
(TOP VIEW)
32 1 20 19
910 11 1213
4
5
6
7
8
18
17
16
15
14
4A
NC
4Y
NC
3B
1Y
NC
2A
NC
2B
SN54HC00 . . . FK PACKAGE
(TOP VIEW)
NC – No internal connection
description/ordering information
The ’HC00 devices contain four independent 2-input NAND gates. They perform the Boolean function
Y = A
• B or Y = A + B in positive logic.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
–40 C to 85 C
PDIP – N
Tube of 25
SN74HC00N
SN74HC00N
–40 C to 85 C
SOIC – D
Tube of 50
SN74HC00D
HC00
–40 C to 85 C
SOIC – D
Reel of 2500
SN74HC00DR
HC00
–40 C to 85 C
Reel of 250
SN74HC00DT
–40
°C to 85°C
SOP – NS
Reel of 2000
SN74HC00NSR
HC00
SSOP – DB
Reel of 2000
SN74HC00DBR
HC00
TSSOP – PW
Tube of 90
SN74HC00PW
HC00
TSSOP – PW
Reel of 2000
SN74HC00PWR
HC00
Reel of 250
SN74HC00PWT
–55 C to 125 C
CDIP – J
Tube of 25
SNJ54HC00J
SNJ54HC00J
–55
°C to 125°C
CFP – W
Tube of 150
SNJ54HC00W
SNJ54HC00W
LCCC – FK
Tube of 55
SNJ54HC00FK
SNJ54HC00FK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
 2003, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
On products compliant to MIL-PRF-38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - SN54HC00

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC00 TI-SN54HC00 Datasheet
703Kb / 18P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54HC00 TI1-SN54HC00 Datasheet
1Mb / 28P
SNx4HC00 Quadruple 2-Input Positive-NAND Gates
SN54HC00 TI1-SN54HC00 Datasheet
81Kb / 6P
Quadruple 2-Input Positive-NAND Gate
SN54HC00 TI1-SN54HC00 Datasheet
810Kb / 13P
QUADRUPLE 2-INPUT POSITIVE-NAND GATE
SN54HC00 TI2-SN54HC00 Datasheet
625Kb / 23P
SN74HC00-Q1 Automotive Quadruple 2-Input NAND Gates
REVISED APRIL 2020
More results

Similar Description - SN54HC00

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HCT00 TI-SN54HCT00 Datasheet
404Kb / 12P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
CD54ACT00 TI-CD54ACT00 Datasheet
73Kb / 5P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LV00 TI-SN54LV00 Datasheet
131Kb / 7P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LVC00A TI-SN54LVC00A_07 Datasheet
908Kb / 22P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN5400 TI-SN5400_07 Datasheet
737Kb / 21P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LVC00A TI-SN54LVC00A_08 Datasheet
937Kb / 22P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LV00A TI-SN54LV00A_10 Datasheet
673Kb / 18P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN74AHCT00-EP TI1-SN74AHCT00-EP Datasheet
421Kb / 8P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN7400J TI1-SN7400J Datasheet
1Mb / 25P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
logo
Unisonic Technologies
U74AHCT00 UTC-U74AHCT00_15 Datasheet
201Kb / 4P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com