Electronic Components Datasheet Search
  English  ▼

X  

GFFJSF2001N01 Datasheet(PDF) 2 Page - JDS Uniphase Corporation

Part # GFFJSF2001N01
Description  Thin Film Gain Flattening Filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

GFFJSF2001N01 Datasheet(HTML) 2 Page - JDS Uniphase Corporation

  GFFJSF2001N01 Datasheet HTML 1Page - JDS Uniphase Corporation GFFJSF2001N01 Datasheet HTML 2Page - JDS Uniphase Corporation GFFJSF2001N01 Datasheet HTML 3Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
(Specifications in mm unless otherwise noted.)
Dimensions Diagram
2
THIN FILM GAIN FLATTENING FILTER
33.5
ø 5.5 (5.7 mm including label)
Target Profile vs. Actual Profile
1530
1535
1540
1545
1550
1555
1560
0
-0.5
-1
-1.5
-2
-2.5
-3
-3.5
-4
Wavelength (nm)
Target
Actual
Profile Error
Error at room temperature
Error over temperature
0.2
0.15
0.1
0.05
0
-0.05
-0.1
-0.15
-0.2
1530
1535
1540
1545
1550
1555
1560
Wavelength (nm)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com