Electronic Components Datasheet Search
  English  ▼

X  

FFC-CAL Datasheet(PDF) 2 Page - JDS Uniphase Corporation

Part # FFC-CAL
Description  Fused Coupler, Single Window
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

FFC-CAL Datasheet(HTML) 2 Page - JDS Uniphase Corporation

  FFC-CAL Datasheet HTML 1Page - JDS Uniphase Corporation FFC-CAL Datasheet HTML 2Page - JDS Uniphase Corporation FFC-CAL Datasheet HTML 3Page - JDS Uniphase Corporation FFC-CAL Datasheet HTML 4Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Qualification and Reliability Tests
Parameter
Specifications
High temperature storage test
85 °C for 2,000 hours
Damp heat test
50 °C/90% RH for 2,000 hours
Water immersion test
43±2 °C, pH of 5.5±0.5 for 7 days
Vibration test
10 to 2,000 Hz, 20 g’s, 3 axes
Shock test
3 axes, 40 g’s, 11 ms, 5 blows each direction
Impact test
1.8 meters height, 8 times
Fiber torsion test
180° twist, 5 times both directions, 5 N force
Fiber pulling test
5 N for 1 minute
2
FUSED COUPLER, SINGLE WINDOW
Wavelength Stability: 1550 nm 1/99 Port 2 (1%)
Wavelength Stability: 1550 nm 10/90 Port 2 (10%)
Wavelength Stability: 1550 nm 50/50 Port 2 (50%)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com