Electronic Components Datasheet Search
  English  ▼

X  

A306RUI Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # A306RUI
Description  3W, Ultra-Wide Input High Isolation DC/DC Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

A306RUI Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  A306RUI Datasheet HTML 1Page - MicroPower Direct, LLC A306RUI Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model Selection Guide
Notes:
All dimensions are typical in inches (mm)
Tolerance x.xx = !0.01 (!0.25)
Pin 1 is marked by a “dot” or indentation on the top of the unit
Model
Number
Input
Output
Efficiency
(%, Typ)
Fuse Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Reflected
Ripple
Current
(mA, Typ)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load No-Load
A301RUI
24
9.0 - 36.0
166
12
5
5.0
600
60.0
75
1,000
A302RUI
24
9.0 - 36.0
158
12
5
12.0
250
25.0
79
1,000
A303RUI
24
9.0 - 36.0
158
12
5
15.0
200
20.0
79
1,000
A304RUI
24
9.0 - 36.0
166
12
5
!5.0
!300
!30.0
75
1,000
A305RUI
24
9.0 - 36.0
158
12
5
!12.0
!125
!12.0
79
1,000
A306RUI
24
9.0 - 36.0
158
12
5
!15.0
!100
!10.0
79
1,000
A311RUI
48
18.0 - 72.0
83
7
5
5.0
600
60.0
75
500
A312RUI
48
18.0 - 72.0
80
7
5
12.0
250
25.0
78
500
A313RUI
48
18.0 - 72.0
79
7
5
15.0
200
20.0
78
500
A314RUI
48
18.0 - 72.0
83
7
5
!5.0
!300
!30.0
76
500
A315RUI
48
18.0 - 72.0
80
7
5
!12.0
!125
!12.0
79
500
A316RUI
48
18.0 - 72.0
80
7
5
!15.0
!100
!10.0
79
500
232 Tosca Drive, Stoughton, MA 02072
www.micropowerdirect.com
sales@micropowerdirect.com
phone: (781) 344 - 8226 * fax: (781) 344 - 8481
Mechanical Dimensions
MicroPower
Direct
Pin
Single
Dual
2, 3
-Vin
-Vin
9
No Pin
Common
11
NC
-Vout
14
+Vout
+Vout
16
-Vout
Common
22, 23
+Vin
+Vin
NC: No Connection
Pin Connections
Single Output
(µF Max)
Dual Output
(µF Max)
1,000
!220
Capacitive Load
Notes:
1. Transient recovery is measured to within a 1% error band for a load step change of 75% tp 100%.
2. Dual output units may be connected to provide a 10V, 24V or 30V output. To do this connect the load across the
positive (+Vout) and negative (-Vout) outputs and float the output common.
Ambient Temperature ( C)
-5%/ C
1
2
Bottom
1.25
(31.8)
0.18
(4.6)
0.10
(2.54)
0.02 DIA
(0.5)
0.40
(10.2)
0.15
(3.8)
Side
0.10
(2.54)
0.60
(15.2)
0.80
(20.3)
3
9
11
23
22
16
14
Derating Curve



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com