Electronic Components Datasheet Search
  English  ▼

X  

SN54HC112 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN54HC112
Description  DUAL J-K NEGATIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54HC112 Datasheet(HTML) 5 Page - Texas Instruments

  SN54HC112 Datasheet HTML 1Page - Texas Instruments SN54HC112 Datasheet HTML 2Page - Texas Instruments SN54HC112 Datasheet HTML 3Page - Texas Instruments SN54HC112 Datasheet HTML 4Page - Texas Instruments SN54HC112 Datasheet HTML 5Page - Texas Instruments SN54HC112 Datasheet HTML 6Page - Texas Instruments SN54HC112 Datasheet HTML 7Page - Texas Instruments SN54HC112 Datasheet HTML 8Page - Texas Instruments SN54HC112 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
SN54HC112, SN74HC112
DUAL JK NEGATIVEEDGETRIGGERED FLIPFLOPS
WITH CLEAR AND PRESET
SCLS099F − DECEMBER 1982 − REVISED SEPTEMBER 2003
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range, CL = 50 pF
(unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
VCC
TA = 25°C
SN54HC112
SN74HC112
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
2 V
5
10
3.4
4
fmax
4.5 V
25
50
17
20
MHz
fmax
6 V
29
60
20
24
MHz
2 V
54
165
245
205
PRE or CLR
Q or Q
4.5 V
16
33
49
41
tpd
PRE or CLR
Q or Q
6 V
13
28
42
35
ns
tpd
2 V
56
125
185
155
ns
CLK
Q or Q
4.5 V
16
25
37
31
CLK
Q or Q
6 V
13
21
31
26
2 V
29
75
110
95
tt
Q or Q
4.5 V
9
15
22
19
ns
tt
Q or Q
6 V
8
13
19
16
ns
operating characteristics, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
No load
35
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com