Electronic Components Datasheet Search
  English  ▼

X  

KBU4A Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # KBU4A
Description  VOLTAGE 50V ~ 1000V 4.0 AMP Glass Passivated Bridge Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

KBU4A Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  KBU4A Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH KBU4A Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
KBU4A ~ KBU4M
VOLTAGE 50V ~ 1000V
4.0 AMP Glass Passivated Bridge Rectifiers
KBU
FEATURES
. Lead Free Product
. Surge overload rating – 150 amperes peak
. Ideal for printed circuit board
. Reliable low cost construction utilizing
molded plastic technique
. Plastic material has underwrites laboratory
Flammability classification 94V-0
. Mounting position: Any
. Mounting torque: 5 ln. lb. Max.
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25
ambient temperature unless otherwise specified
.
Resistive or inductive load, 60Hz,
For capacitive load, derate current by 20%.
TYPE NUMBER
SYMBOL
KBU4A
KBU4B
KBU4D
KBU4G
KBU4J
KBU4K
KBU4M
UNITS
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward
TC=100
4.0
Rectified Output Current @ TA=50
/40
/45
I(AV)
4.0
A
Peak Forward Surge Current, 8.3 ms single
half Sine-wave superimposed
on rated load (JEDEC method)
IFSM
150
A
Maximum Forward Voltage Drop
Per Bridge Element at 2.0A Peak
VF
1.1
V
Maximum Reverse Current at Rated
DC Blocking Voltage per Element @ TA=25
10
µA
Maximum Reverse Current at Rated
DC Blocking Voltage per Element @ TC=100
IR
100
mA
Operating and Storage Temperature Range
TJ, TSTG
- 55 ~ + 150
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
AC
.945(24.0)
.905(23.0)
.732(18.6)
.709(18.0)
.100
(25.4)
MIN.
.091
(2.3)
.236(6.0)
.217(5.5)
.220(5.6) SPACING
.180(4.6)
.052(1.3) DIA.
.048(1.2) TYP.
.772(19.6)
.749(19.0)
(4 x 6 L)
HOLE THRO
.300
(7.5)
Ø


Similar Part No. - KBU4A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
KBU4A PANJIT-KBU4A Datasheet
54Kb / 2P
SILICON SINGLE-PHASE BRIDGE RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 4.0 Amperes)
logo
Semtech Corporation
KBU4A SEMTECH-KBU4A Datasheet
159Kb / 2P
4.0A/6.0A/8.0A SINGLE - PHASE SILICON BRIDGE?
logo
Fairchild Semiconductor
KBU4A FAIRCHILD-KBU4A Datasheet
59Kb / 4P
4.0 Ampere Silicon Bridge Rectifiers
logo
General Semiconductor
KBU4A GE-KBU4A Datasheet
83Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIER
logo
GOOD-ARK Electronics
KBU4A GOOD-ARK-KBU4A Datasheet
171Kb / 2P
SINGLE-PHASE SILICON BRIDGE
More results

Similar Description - KBU4A

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
KBU10A SECOS-KBU10A Datasheet
100Kb / 2P
VOLTAGE 50V ~ 1000V 10 AMP Glass Passivated Bridge Rectifiers
RS401L SECOS-RS401L Datasheet
128Kb / 2P
VOLTAGE 50V ~ 1000V 4.0 AMP Glass Passivated Bridge Rectifiers
RS401M SECOS-RS401M Datasheet
291Kb / 2P
VOLTAGE 50V ~ 1000V 4.0 AMP Glass Passivated Bridge Rectifiers
RS801G SECOS-RS801G Datasheet
101Kb / 2P
VOLTAGE 50V ~ 1000V 8.0 AMP Glass Passivated Bridge Rectifiers
RS1505G SECOS-RS1505G Datasheet
94Kb / 2P
VOLTAGE 50V ~ 1000V 15.0 AMP Glass Passivated Bridge Rectifiers
4GBJ4005 SECOS-4GBJ4005 Datasheet
987Kb / 2P
Voltage 50V ~ 1000V 4.0 Amp Glass Passivited Bridge Rectifiers
GBL005 SECOS-GBL005 Datasheet
790Kb / 2P
Voltage 50V ~ 1000V 4.0 Amp Glass Passivited Bridge Rectifiers
KBL6005G SECOS-KBL6005G Datasheet
667Kb / 2P
Voltage 50V ~ 1000V, 6.0 Amp Glass Passivated Bridge Rectifiers
RL201G SECOS-RL201G Datasheet
221Kb / 2P
Voltage 50V ~ 1000V 2.0 Amp Glass Passivated Rectifiers
D3UB05 SECOS-D3UB05 Datasheet
194Kb / 2P
Voltage 50V ~ 1000V 3.0Amp Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com