Electronic Components Datasheet Search
  English  ▼

X  

JXP-01EEAB1 Datasheet(PDF) 7 Page - JDS Uniphase Corporation

Part # JXP-01EEAB1
Description  Multiprotocol XFP Optical Transceiver-1550 nm for up to 40 km Reach
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

JXP-01EEAB1 Datasheet(HTML) 7 Page - JDS Uniphase Corporation

Back Button JXP-01EEAB1 Datasheet HTML 3Page - JDS Uniphase Corporation JXP-01EEAB1 Datasheet HTML 4Page - JDS Uniphase Corporation JXP-01EEAB1 Datasheet HTML 5Page - JDS Uniphase Corporation JXP-01EEAB1 Datasheet HTML 6Page - JDS Uniphase Corporation JXP-01EEAB1 Datasheet HTML 7Page - JDS Uniphase Corporation JXP-01EEAB1 Datasheet HTML 8Page - JDS Uniphase Corporation JXP-01EEAB1 Datasheet HTML 9Page - JDS Uniphase Corporation JXP-01EEAB1 Datasheet HTML 10Page - JDS Uniphase Corporation JXP-01EEAB1 Datasheet HTML 11Page - JDS Uniphase Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
MUlTIPROTOCOl XFP OPTICAl TRANSCEIvER
—1550 NM FOR UP TO 40 KM REACH
Pin Number
Type
Name
Description
1
GND1
Module Ground
2
VEE5
Not used; may be left unconnected (Optional -5.2 V Power Supply)
3
LVTTL-I
Mod_Desel
ModuleDe-select;Whenheldlowallowsthemoduleto
respond to 2-wire serial interface commands
4
LVTTL-O
Interrupt2
Interrupt; Indicates presence of an important condition which
can be read over the serial 2-wire interface
5
LVTTL-I
TX_DIS
Transmitter Disable; Transmitter Laser Source Turned Off
6
VCC5
+5 V Power Supply
7
GND1
Module Ground
8
VCC3
+3.3 V Power Supply
9
VCC3
+3.3 V Power Supply
10
LVTTL-I
SCL2
Two-wire Interface Clock
11
LVTTL-I/O
SDA2
Two-wire Interface Data Line
12
LVTTL-O
Mod_Abs2
Indicates Module is not present. Grounded in the Module
13
LVTTL-O
Mod_NR2
Module Not Ready; Indicating Module Operational Fault
14
LVTTL-O
RX_LOS2
Receiver Loss Of Signal Indicator
15
GND1
Module Ground
16
GND1
Module Ground
17
CML-O
RD-
Receiver Inverted Data Output
18
CML-O
RD+
Receiver Noninverted Data Output
19
GND1
Module Ground
20
VCC2
+1.8 V Power Supply (not used)
21
LVTTL-I
P_Down/RST
Powerdown;Whenhigh,themodulelimitspowerconsumption
to1.5Worbelow.Serialinterfaceisfunctionalinthelowpowermode.
Reset; The falling edge initiates a complete reset of the module
including the serial interface, equivalent to a power cycle.
22
VCC2
+1.8 V Power Supply (not used)
23
GND1
Module Ground
24
PECL-I
RefCLK+
Reference Clock Noninverted Input (not used)
25
PECL-I
RefCLK-
Reference Clock Inverted Input (not used)
26
GND1
Module Ground
27
GND1
Module Ground
28
CML-I
TD-
Transmitter Inverted Data Input
29
CML-I
TD+
Transmitter Non-inverted Data Input
30
GND1
Module Ground
1. Module ground pins (GND) are isolated from the module case and chassis ground within the module
2. Shall be pulled up with 4.7 kΩ – 10 kΩ to a voltage between 3.15 V and 3.45 V on the host board
Table 1 XFP Optical Transceiver Pin Descriptions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com