Electronic Components Datasheet Search
  English  ▼

X  

SN54HC11W Datasheet(PDF) 3 Page - Texas Instruments

Part # SN54HC11W
Description  TRIPLE 3-INPUT POSITIVE-AND GATES
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54HC11W Datasheet(HTML) 3 Page - Texas Instruments

  SN54HC11W Datasheet HTML 1Page - Texas Instruments SN54HC11W Datasheet HTML 2Page - Texas Instruments SN54HC11W Datasheet HTML 3Page - Texas Instruments SN54HC11W Datasheet HTML 4Page - Texas Instruments SN54HC11W Datasheet HTML 5Page - Texas Instruments SN54HC11W Datasheet HTML 6Page - Texas Instruments SN54HC11W Datasheet HTML 7Page - Texas Instruments SN54HC11W Datasheet HTML 8Page - Texas Instruments SN54HC11W Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
SN54HC11, SN74HC11
TRIPLE 3INPUT POSITIVEAND GATES
SCLS084D − DECEMBER 1982 − REVISED AUGUST 2003
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
recommended operating conditions (see Note 3)
SN54HC11
SN74HC11
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
VCC
Supply voltage
2
5
6
2
5
6
V
VCC = 2 V
1.5
1.5
VIH
High-level input voltage
VCC = 4.5 V
3.15
3.15
V
VIH
High-level input voltage
VCC = 6 V
4.2
4.2
V
VCC = 2 V
0.5
0.5
VIL
Low-level input voltage
VCC = 4.5 V
1.35
1.35
V
VIL
Low-level input voltage
VCC = 6 V
1.8
1.8
V
VI
Input voltage
0
VCC
0
VCC
V
VO
Output voltage
0
VCC
0
VCC
V
VCC = 2 V
1000
1000
∆t/∆v
Input transition rise/fall time
VCC = 4.5 V
500
500
ns
∆t/∆v
Input transition rise/fall time
VCC = 6 V
400
400
ns
TA
Operating free-air temperature
−55
125
−40
85
°C
NOTE 3: All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
SN54HC11
SN74HC11
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
2 V
1.9
1.998
1.9
1.9
IOH = −20 µA
4.5 V
4.4
4.499
4.4
4.4
VOH
VI = VIH or VIL
IOH = −20 µA
6 V
5.9
5.999
5.9
5.9
V
VOH
VI = VIH or VIL
IOH = −4 mA
4.5 V
3.98
4.3
3.7
3.84
V
IOH = −5.2 mA
6 V
5.48
5.8
5.2
5.34
2 V
0.002
0.1
0.1
0.1
IOL = 20 µA
4.5 V
0.001
0.1
0.1
0.1
VOL
VI = VIH or VIL
IOL = 20 µA
6 V
0.001
0.1
0.1
0.1
V
VOL
VI = VIH or VIL
IOL = 4 mA
4.5 V
0.17
0.26
0.4
0.33
V
IOL = 5.2 mA
6 V
0.15
0.26
0.4
0.33
II
VI = VCC or 0
6 V
±0.1
±100
±1000
±1000
nA
ICC
VI = VCC or 0,
IO = 0
6 V
2
40
20
µA
Ci
2 V to 6 V
3
10
10
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com