Electronic Components Datasheet Search
  English  ▼

X  

A522RW Datasheet(PDF) 1 Page - MicroPower Direct, LLC

Part # A522RW
Description  Wide Input Range, 5W Single & Dual Output DC/DC Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

A522RW Datasheet(HTML) 1 Page - MicroPower Direct, LLC

  A522RW Datasheet HTML 1Page - MicroPower Direct, LLC A522RW Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Key Features:
5W Output Power
UL Approved (File E245422)
2:1 Input Voltage Range
1,500 VDC Isolation
Meets EN55022 Class “A”
Compact DIP Case
Single & Dual Outputs
1.0 MH MTBF
Industry Standard Pin-Out
A500RW
Wide Input Range, 5W
Single & Dual Output
DC/DC Converters
Series
Input
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Start Voltage
5 VDC Input
3.0
3.5
4.4
VDC
12 VDC Input
4.5
6.0
8.0
24 VDC Input
8.0
12.0
16.0
48 VDC Input
16.0
24.0
32.0
Input Filter
π (Pi) Filter (Complies with EN55022 Class “A”)
Reverse Polarity Input Current
1.0
A
Short Circuit Input Power
1,000
3,000
mW
Output
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage Accuracy
±0.5
±1.0
%
Output Voltage Balance
Dual Output , Balanced Loads
±0.5
±2.0
%
Line Regulation
Vin = Min to Max
±0.1
±0.3
%
Load Regulation
Iout = 20% to 100%
±0.3
±1.0
%
Ripple & Noise (20 MHz) (Note 1)
50
75
mV P - P
Ripple & Noise (20 MHz)
Over Line, Load & Temp.
100
mV P - P
Ripple & Noise (20 MHz)
15
mV rms
Output Power Protection
120
%
Transient Recovery Time (Note 2)
25% Load Step Change
150
300
μSec
Transient Response Deviation
±2.0
±6.0
%
Temperature Coefficient
±0.01
±0.02
%/ºC
Output Short Circuit
Continuous
General
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation Voltage
60 Seconds
1,500
VDC
Isolation Resistance
500 VDC
1,000
Isolation Capacitance
100 kHz, 1V
380
500
pF
Switching Frequency
300
kHz
Environmental
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating Temperature Range
Ambient
-40
+25
+71
º
C
Operating Temperature Range
Case
-40
+90
º
C
Storage Temperature Range
-40
+125
º
C
Cooling
Free Air Convection
Humidity
RH, Non-condensing
95
%
RFI
Six-Side Shielded Metal Case
Conducted EMI
EN55022 Class “A”
Physical
Case Size
1.25 x 0.80 x 0.40 Inches (31.8 x 20.3 x 10.2 mm)
Case Material
Metal with Non-Conductive Base (UL94-V0)
Weight
0.42 Oz (12g)
Reliability Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
MTBF
MIL HDBK 217F, 25ºC, Gnd Benign
1.0
MHours
Safety Standards
UL 1950, EN 60950, IEC 60950
Safety Approvals
UL, cUL; File No. E245422
Absolute Maximum Ratings
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Surge (1 Sec)
5 VDC Input
-0.7
10.0
VDC
12 VDC Input
-0.7
25.0
24 VDC Input
-0.7
50.0
48 VDC Input
-0.7
100.0
Lead Temperature
1.5 mm From Case For 10 Sec
260
º
C
Internal Power Dissipation
All Models
2,500
mW
Caution: Exceeding Absolute Maximum Ratings may damage the module. These are not continuous operating ratings.
Electrical Specifications
Specifications typical @ +25°C, nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.
RoHS Compliant
MicroPower Direct
292 Page Street
Suite D
Stoughton, MA 02072
USA
T: (781) 344-8226
F: (781) 344-8481
E: sales@micropowerdirect.com
W: www.micropowerdirect.com


Similar Part No. - A522RW

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
A522RHI MPD-A522RHI Datasheet
834Kb / 2P
Very High Isolation, 5W Single & Dual Output DC/DC Converters
More results

Similar Description - A522RW

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MKW3000 TOTAL-POWER-MKW3000 Datasheet
230Kb / 8P
20W, Wide Input Range, Single & Dual Output DC/DC Converters
logo
Minmax Technology Co., ...
MKW1000 MINMAX-MKW1000 Datasheet
250Kb / 8P
10W, Wide Input Range, Single & Dual Output DC/DC Converters
MSKW2000 MINMAX-MSKW2000 Datasheet
208Kb / 8P
5W 2:1 Wide Input Range SMD, Single & Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
UQQ7-15A MURATA-UQQ7-15A Datasheet
437Kb / 17P
Wide Input Range Single Output DC/DC Converters
logo
MicroPower Direct, LLC
A300RW MPD-A300RW Datasheet
166Kb / 2P
Wide Input Range, 3W Single & Dual Output DC/DC Converters
A500ERW MPD-A500ERW Datasheet
187Kb / 2P
Low Cost, Wide Input, 5W Single & Dual Output DC/DC Converters
A500RU MPD-A500RU Datasheet
175Kb / 2P
Single & Dual Output, 5W Ultra-Wide Input Range DC/DC Converters
LF500RU MPD-LF500RU Datasheet
223Kb / 2P
Very Wide Input, 5W SMT Single & Dual Output DC/DC Converters
LF500RW MPD-LF500RW Datasheet
228Kb / 2P
Wide Input, 5W SMT Single & Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
UQQ-12 MURATA-UQQ-12 Datasheet
559Kb / 18P
Wide Input Range Single Output DC-DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com