Electronic Components Datasheet Search
  English  ▼

X  

FFCRF1S2 Datasheet(PDF) 1 Page - JDS Uniphase Corporation

Part # FFCRF1S2
Description  Fused Coupler, Single Window, 980 nm
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

FFCRF1S2 Datasheet(HTML) 1 Page - JDS Uniphase Corporation

  FFCRF1S2 Datasheet HTML 1Page - JDS Uniphase Corporation FFCRF1S2 Datasheet HTML 2Page - JDS Uniphase Corporation FFCRF1S2 Datasheet HTML 3Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
COMMUNICATIONS COMPONENTS
Key Features
• Ultra low-pump loss
• Minimum wastage of pump power
• High EDFA output power
• Wide range of regular parts readily available
• Proven reliability
The 980 nm fused coupler enables the accurate splitting and monitoring of pump
power in erbium-doped fiber amplifiers. In addition, JDSU manufacturing
technology provides uniquely low excess loss, along with low polarization and
temperature dependence for all ports.
These high-performance standard parts are available with a variety of tap ratios
and housing and connector options, and can therefore be specified for a wide
range of applications, enabling rapid design cycles and new project builds.
Standard variants for 960 nm and 1060 nm may also be selected.
Applications
• EDFA pump redundancy and sharing
• EDFA pump monitoring
• Fiber lasers
Compliance
• Telcordia GR-1221
Fused Coupler, Single Window, 980 nm
FFCR Series
NORTH AMERICA
: 800 498-JDSU (5378)
WEBSITE
: www.jdsu.com
WORLDWIDE
: +800 5378-JDSU


Similar Part No. - FFCRF1S2

ManufacturerPart #DatasheetDescription
logo
Global Connector Techno...
FFC GCT-FFC Datasheet
208Kb / 5P
Flat Flex Cables
07/07/23 Rev A
logo
JDS Uniphase Corporatio...
FFC-31H JDSU-FFC-31H Datasheet
172Kb / 4P
Fused Coupler, Single Window
FFC-31L JDSU-FFC-31L Datasheet
172Kb / 4P
Fused Coupler, Single Window
FFC-31S JDSU-FFC-31S Datasheet
172Kb / 4P
Fused Coupler, Single Window
FFC-32H JDSU-FFC-32H Datasheet
172Kb / 4P
Fused Coupler, Single Window
More results

Similar Description - FFCRF1S2

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DL-LS6002 SANYO-DL-LS6002 Datasheet
20Kb / 1P
980 nm LASER DIODE
logo
JDS Uniphase Corporatio...
FFCH31H JDSU-FFCH31H Datasheet
214Kb / 3P
Fused Coupler, Single Window, Low Loss,C or L Band
FFCK11H0 JDSU-FFCK11H0 Datasheet
216Kb / 3P
Fused Coupler, Single Window, Low loss CL Band or S Band
FFC-31H JDSU-FFC-31H Datasheet
172Kb / 4P
Fused Coupler, Single Window
FFC-A1H01B1 JDSU-FFC-A1H01B1 Datasheet
187Kb / 5P
Fused Coupler,Two Window
logo
OPLINK Communications I...
WTIH1598S01 OPLINK-WTIH1598S01 Datasheet
221Kb / 2P
980/1550 nm WDM/Tap Coupler/Isolator Hybrid Combination
MMFC-S0161 OPLINK-MMFC-S0161 Datasheet
212Kb / 2P
Multi-Mode Single Window Wideband Fused Fiber Coupler
WTIH1598-S0081 OPLINK-WTIH1598-S0081 Datasheet
208Kb / 2P
980/1550(1585)nm WDM/Tap Coupler/Isolator Hybrid Combination
SWFC5150P001111 OPLINK-SWFC5150P001111 Datasheet
188Kb / 3P
Single Window Single Mode Wideband Fiber Coupler (980, 1310, S, C, L, and CL band)
WTIH1598S012111 OPLINK-WTIH1598S012111 Datasheet
208Kb / 2P
980/1550(1585)nm WDM/Tap Coupler/Isolator Hybrid Combination
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com