Electronic Components Datasheet Search
  English  ▼

X  

MMBD318 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # MMBD318
Description  Surface Mount High Votlage Switching Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MMBD318 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  MMBD318 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MMBD318 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Any changing of specification will not be informed individual
MMBD318 Series
MMBD318/MMBD318A/MMBD318C/MMBD318S
Surface Mount High Votlage Switching Diode
Absolute Maximum Ratings (TA = 25°C unless otherwise noted)
Parameter
Symbol
Ratings
Unit
Max.Repetitive Peak Reverse Voltage
VRRM
350
V
Max.RMS Voltage
V RMS
212
V
Max. DC Blocking Voltage
VDC
300
V
Max. Average Forward Rectified Current
Io
225
mA
Typical Junction Capacitance between Terminal (Note 1)
Cj
5.0
pF
Max. Reverse Recovery Time (Note2)
Trr
50
ns
Non-Repetive Peak Forward surge Current @Tp=1.0us
@Tp= 1.0s
IFSM
4
A
Power Dissipation
PD
350
mW
Thermal Resistance Junction to Ambient Air
R JA
357
/W
Operation and Storage Temperature Range
T ,TSTG
j
-60~+150
Case: SC59, Molded Plastic
Terminals: Solderable per MIL-STD-202,
Method 208
Polarity: See Diagrams Below
Weight: 0.008 grams (approx.)
Mounting Position: Any
MECHANICAL DATA
High Reverse Breakdown Voltage
Ultra high speed Switching
High Conductance
1
2
3
K
J
C
H
L
A
B S
G
V
D
Top View
Dim
Min
Max
A
2.700
3.100
B
1.400
1.600
C
1.000
1.400
D
0.350
0.500
G
1.800
2.000
H
0.000
0.100
J
0.085
0.177
K
0.400
0.600
L
0.850
1.150
S
2.400
2.800
V
0.450
0.550
All Dimension in mm
SC-59
http://www.SeCoSGmbH.com
Elektronische Bauelemente
MMBD318 Marking: LD6
MMB D318A Marking: LD7
MMB D318C Marking: LD8
MMB D318S Marking: LD9
1
1
2
1
1
2
2
2
3
3
3
3
RoHS Compliant Product
•
FEATURES
1
θ
°C
°C
Electrical Characteristics (AT TA = 25
°C unless otherwise noted)
Characteristics
Symbol
Min.
Unit
Reverse Breakdown Voltage.
IR=150uA
VR
-
V
Average Reverse Current.
VR=240V, TA=25
I R
100
100
uA
Forward Voltage
VF
1.0
V
Note: 1. Measured at 1.0 MHz and applied reverse of 0 voltage
3. ESD sensitive product handling required.
2. Measured at applied forware current of 30mA, RL=100
and recovery to IRR=-3mA
nA
Max.
-
-
-
350
VR=240V, TA=150
°C
°C
Ω
01-Jun-2002 Rev. A
Page 1 of 2
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - MMBD318

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
MMBD318A SECOS-MMBD318A Datasheet
318Kb / 3P
Surface Mount High Vitlage Switching Diode
MMBD318C SECOS-MMBD318C Datasheet
318Kb / 3P
Surface Mount High Vitlage Switching Diode
MMBD318S SECOS-MMBD318S Datasheet
318Kb / 3P
Surface Mount High Vitlage Switching Diode
MMBD318 SECOS-MMBD318_10 Datasheet
318Kb / 3P
Surface Mount High Vitlage Switching Diode
MMBD318 SECOS-MMBD318_15 Datasheet
318Kb / 3P
Surface Mount High Vitlage Switching Diode
More results

Similar Description - MMBD318

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
MMDL914T1 ZOWIE-MMDL914T1 Datasheet
47Kb / 2P
SURFACE MOUNT HIGH-SPEED SWITCHING DIODE
logo
Central Semiconductor C...
CMPD2003-1 CENTRAL-CMPD2003-1 Datasheet
110Kb / 2P
SURFACE MOUNT HIGH VOLTAGE SWITCHING DIODE
logo
Weitron Technology
RLS245 WEITRON-RLS245 Datasheet
429Kb / 3P
Surface Mount High-Voltage Switching Diode
logo
Diodes Incorporated
MMBD2004S DIODES-MMBD2004S_1 Datasheet
82Kb / 3P
HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE
DS30281 Rev. 8 - 2
logo
Leshan Radio Company
LMBD3004SLT1G LRC-LMBD3004SLT1G Datasheet
348Kb / 5P
HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE
logo
WILLAS ELECTRONIC CORP
MMBD3004A WILLAS-MMBD3004A Datasheet
306Kb / 3P
HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE
logo
Leshan Radio Company
LBAV3004T1G LRC-LBAV3004T1G_15 Datasheet
225Kb / 3P
HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE
LMBD3004ALT1G LRC-LMBD3004ALT1G_15 Datasheet
137Kb / 3P
HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE
logo
Yea Shin Technology Co....
MMBD3004S YEASHIN-MMBD3004S Datasheet
193Kb / 3P
HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE
logo
Shanghai Leiditech Elec...
LBAV3004T1G LEIDITECH-LBAV3004T1G Datasheet
561Kb / 4P
HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com