Electronic Components Datasheet Search
  English  ▼

X  

MMBZ5240B Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # MMBZ5240B
Description  Surface Mount Zener Voltage Regulator Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MMBZ5240B Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  MMBZ5240B Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MMBZ5240B Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH MMBZ5240B Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH MMBZ5240B Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Elektronische Bauelemente
MMBZ52xxx Series
300 mW SOT-23 Series
Surface Mount Zener Voltage Regulator Diodes
01-June-2005 Rev. B
Page 2 of 4
ELECTRICAL RATINGS
(Rating 25°C ambient temperature unless otherwise specified)
Nominal Zener Voltage
Max. Zener Impedance
Max. Reverse
Leakage Current
VZ @ IZT
ZZT @ IZT
ZZK @ IZK
IR @ VR
Part
Number
Marking Code
Nom (V)
Min (V)
Max (V)
Ω
mA
Ω
mA
μA
V
300 mW Zener Diodes
MMBZ5246B
J1 / KJ1
16
15.20
16.80
17
7.8
600
0.25
0.1
12.0
MMBZ5247B
J2
17
16.15
17.85
19
7.4
600
0.25
0.1
13.0
MMBZ5248B
J3 / KJ3
18
17.10
18.90
21
7.0
600
0.25
0.1
14.0
MMBZ5249B
J4
19
18.05
19.95
23
6.6
600
0.25
0.1
14.0
MMBZ5250B
J5 / KJ5
20
19.00
21.00
25
6.2
600
0.25
0.1
15.0
MMBZ5251B
K1 / KK1
22
20.90
23.10
29
5.6
600
0.25
0.1
17.0
MMBZ5252B
K2 / KK2
24
22.80
25.20
33
5.2
600
0.25
0.1
18.0
MMBZ5253B
K3
25
23.75
26.25
35
5
600
0.25
0.1
19.0
MMBZ5254B
K4 / KK4
27
25.65
28.35
41
5.0
600
0.25
0.1
21.0
MMBZ5255B
K5 / KK5
28
26.60
29.40
44
4.5
600
0.25
0.1
21.0
MMBZ5256B
M1 / KM1
30
28.50
31.50
49
4.2
600
0.25
0.1
23.0
MMBZ5257B
M2 / KM2
33
31.35
34.65
58
3.8
700
0.25
0.1
25.0
MMBZ5258B
M3 / KM3
36
34.20
37.80
70
3.4
700
0.25
0.1
27.0
MMBZ5259B
M4 / KM4
39
37.05
40.95
80
3.2
800
0.25
0.1
30.0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com